Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 28Page - Monolithic Power Systems MP3924 Datasheet HTML 29Page - Monolithic Power Systems MP3924 Datasheet HTML 30Page - Monolithic Power Systems MP3924 Datasheet HTML 31Page - Monolithic Power Systems MP3924 Datasheet HTML 32Page - Monolithic Power Systems MP3924 Datasheet HTML 33Page - Monolithic Power Systems MP3924 Datasheet HTML 34Page - Monolithic Power Systems MP3924 Datasheet HTML 35Page - Monolithic Power Systems MP3924 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
32
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
INTERRUPT REGISTERS
INTERRUPT (00h)
Read-only
Bits
Bit Name
Default Value
Description
D[7]
VINF
1
Interrupt signal for VIN power failure. If this bit is set to 1, one of the following
scenarios has occurred:
The power on VIN is below 29.5V
VIN over-voltage protection (OVP)
VCC is under the under-voltage lockout (UVLO) threshold
Thermal shutdown
A power MOSFET failure
A PMAX event
D[6]
STF
0
Interrupt signal for a start-up failure. If this bit is set to 1, at least one of the ports has
experienced a start-up failure, or if a port shuts down due to the start-up inrush
current.
D[5]
OCP
0
Interrupt signal for over-current (OC) conditions. If this bit is set to 1, at least one of
the ports has met the ILIMT current limit timer or the ICUT OC timeout condition.
D[4]
CLSC
0
Interrupt signal for classification completion. This bit is set to 1 if at least one port
has completed its classification process.
D[3]
DETC
0
Interrupt signal for detection completion. This bit is set to 1 if at least one port has
completed its detection process.
D[2]
DCDIS
0
Interrupt signal for a disconnected DC load. This bit is set to 1 if at least one port
has had its DC load disconnected (load < 7.5mA).
D[1]
PGC
0
Interrupt signal for power good (PG) status change. This bit is set to 1 if at least one
port has a new PG status.
D[0]
PEC
0
Interrupt signal for power enable status change. This bit is set to 1 if at least one
port has changed its enable or disable status.
Read the register address with an R/C byte, or write 1 to CLRAIN to reset the corresponding bit. The
IN1 and INT2 pins go low to report if an interrupt bit is set to 1. These pins do not go low if the interrupt
signal is masked.
INTERRUPT_MASK (01h)
Read/write
Bits
Bit Name
Default Value
Description
D[7]
VINF_M
1
Masks the interrupt signal for VIN power failures. Set this bit to 0 to disable the
interrupt function.
D[6]
STF_M
A
Masks the interrupt signal for start-up failures. Set this bit to 0 to disable the
interrupt function.
D[5]
OCP_M
A
Masks the interrupt signal for over-current (OC) conditions. Set this bit to 0 to
disable the interrupt function.
D[4]
CLSC_M
0
Masks the interrupt signal for classification completion. Set this bit to 0 to disable the
interrupt function.
D[3]
DETC_M
0
Masks the interrupt signal for detection completion. Set this bit to 0 to disable the
interrupt function.
D[2]
DCDIS_M
A
Masks the interrupt signal for DC load disconnection. Set this bit to 0 to disable the
interrupt function.
D[1]
PGC_M
0
Masks the interrupt signal for power good (PG) status change interrupt. Set this bit
to 0 to disable the interrupt function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com