Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 16Page - Monolithic Power Systems MP3924 Datasheet HTML 17Page - Monolithic Power Systems MP3924 Datasheet HTML 18Page - Monolithic Power Systems MP3924 Datasheet HTML 19Page - Monolithic Power Systems MP3924 Datasheet HTML 20Page - Monolithic Power Systems MP3924 Datasheet HTML 21Page - Monolithic Power Systems MP3924 Datasheet HTML 22Page - Monolithic Power Systems MP3924 Datasheet HTML 23Page - Monolithic Power Systems MP3924 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
20
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
sink current to about 1.2mA. Then the detection
cycle ends.
If the output port has an open circuit in the first
phase detection period, the MP3924 ends the
detection cycle. If the OUTx pin has a low
impedance
to
PGND,
detection
ends
immediately.
For other invalid resistance signatures, the
MP3924
ends
detection
after
two-phase
detection. After one invalid detection result, the
MP3924 stays in idle mode and re-enables
detection within an 80ms port reset time. In
midspan mode, there is one delay time (about
2.8s) before the 80ms reset time.
Midspan Mode
If a port is set to midspan mode, the device
waits about 2.8s before attempting to detect a
PD
connection.
This
can
avoid
detection
collision. Midspan mode can be set or reset by
the MID pin before the MP3924 starts up.
Midspan mode can also be configured via the
MIDx bits via the I2C interface during normal
operation. If the detection is valid, the device
exits midspan mode.
PD Classification
If the PD detection resistance is valid, the
device enters classification mode to measure
the power level of the connected PD. Different
classifications support 4W, 7W, 15.4W, or 30W
of
power
to
the
port.
Based
on
the
IEEE802.3af/at standard, the MP3924 provides
one additional class: Class 5 (see Figure 5).
Class 5 classification has a 40W load capability,
which is valid when the CLS5_EN bit is enabled
and the classification current exceeds the Class
4 upper current threshold. If Class 5 is not
enabled, a classification current that exceeds
50.5mA
results
in
an
over-current
(OC)
condition and a classification failure. If Class 5
is enabled, a classification current that exceeds
50.5mA results in a Class 5 classification level.
In this scenario, an OC condition refers to when
the current has triggered the current limit
threshold. OC conditions can occur with all
classes.
The CLS5 pin is internally pulled down to
DGND to disable Class 5 classification. Pull the
CLS5 pin high during a power-on reset (POR)
to
enable
Class
5
classification.
Another
method to enable Class 5 is to use the enable
the CLS5_ENx bits on a port.
During classification, the MP3924 outputs a
18V voltage on the OUTx pin (see Figure 5).
The device then measures the current though
the OUTx pin to determine the classification
level. After classification is complete, the status
bits
(CLSCx)
and
interrupt
are
set.
The
classification result is stored in the DET/CLS
Result register.
OUTx
VIN
18V
Current
Sense
Figure 5: Classification Block Diagram
Classification is based on the IEEE802.3at
standards. If a classification result is in Class
0~3, the MP3924 only performs one-time
classification in accordance with IEEE 802.3af.
If Class 4 or Class 5 is detected in the first
classification event, the MP3924 performs a
second classification event when the voltages
on VIN and OUTx are the same. 2-event
classification can be enabled by 2EVNTENx
(see Figure 6).
t
OUTx
Pin
VIN
Valid
Detection
Class 1~3
2-Event for Class 4/5
Figure 6: 1-Event and 2-Event Classification
Between the two classifications, the MP3924
performs two time mark events between VIN
and OUTx with an 8.8V mark voltage. The
second classification result must be equal to the
first classification result, or the classification is
considered invalid.
After each 2-event classification, the output port
generates an 8.8V voltage to perform the mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com