Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 26Page - Monolithic Power Systems MP3924 Datasheet HTML 27Page - Monolithic Power Systems MP3924 Datasheet HTML 28Page - Monolithic Power Systems MP3924 Datasheet HTML 29Page - Monolithic Power Systems MP3924 Datasheet HTML 30Page - Monolithic Power Systems MP3924 Datasheet HTML 31Page - Monolithic Power Systems MP3924 Datasheet HTML 32Page - Monolithic Power Systems MP3924 Datasheet HTML 33Page - Monolithic Power Systems MP3924 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
30
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REGISTER DESCRIPTION
Register Map
Addr
Register
Type
D7
D6
D5
D4
D3
D2
D1
D0
Reset State
Interrupt Register
00h
INTERRUPT
R
VINF
STF
OCP
CLSC
DETC
DCDIS
PGC
PEC
1000 0000
01h
INTERRUPT_
MASK
R/W
VINF_
M
STF_
M
OCP_
M
CLSC_
M
DETC_
M
DCDIS_
M
PGC_
M
PEC_
M
1A A0 0A00
(11)
02h
INTERRUPT_
PRIORITY
R/W
VINF_
P
STF_
P
OCP_
P
CLSC_
P
DETC_
P
DCDIS_
P
PGC_
P
PEC_
P
1010 0000
Configuration Register
03h
MODE_SETTING
R/W
MODE4
MODE3
MODE2
MODE1
AAAA AAAA
(11)
04h
MIDSPAN_
SETTING
R/W
-
-
-
-
MID4
MID3
MID2
MID1
0000 MMMM
(11)
05h
PORT_ENABLE
R/W
-
-
-
ENAL
EN4
EN3
EN2
EN1
0001 1111
06h
DET/CLS_ENABLE
R/W
CLSEN
4
LCSEN
3
CLSEN
2
CLSEN
1
DETEN
4
DETEN3
DETEN
2
DETEN
1
AAAA AAAA
(11)
07h
DISCONNECT_
ENABLE
R/W
-
-
-
-
DISEN
4
DISEN3
DISEN
2
DISEN1
0000 AAAA
(11)
08h
FAULT_TIMER
R/W
TPMAX
TINRUSH
TILIM
TCUT
1010 1110
09h
RESERVED
-
-
-
-
-
-
-
-
-
0000 0000
0Ah
RESERVED
-
-
-
-
-
-
-
0000 0000
0Bh
FOLDBACK_ILIM
R/W
-
-
-
-
-
-
-
FBLIMT
0000 0001
0Ch
2-EVENT_CLASS_
5_ENABLE
R/W
CLS5_
EN4
CLS5_
EN3
CLS5_
EN2
CLS5_
EN1
2EVNT
EN4
2EVNTEN3
2EVNT
EN2
2EVNT
EN1
CCCC AAAA
(11)
0Dh
PMAX_
SHUTDOWN_
PRIORITY
R/W
PRTY4
PRTY3
PRTY3
PRTY1
1110 0100
0Eh
INTERRUPT_
ENABLE
R/W
-
-
-
-
-
CLRPIN
CLRAI
NT
INTEN
0000 0001
0Fh
GENERAL_
CONTROL
R/W
-
-
-
-
-
PMAXEN
ADCEN
WDEN
0000 0A 10
(11)
Manual Control Register
10h
DET/CLS_
TRIGGER
R/W
RCLS4
RCLS3
RCLS2
RCLS1
RDET4
RDET3
RDET2
RDET1
0000 0000
11h
POWER_ON/OFF_
TRIGGER
R/W
POFF4
POFF3
POFF2
POFF1
PON4
PON3
PON2
PON1
0000 0000
12h
LEGACY_ENABLE
R/W
LEGEN4
LEGEN3
LEGEN2
LEGEN1
0000 0000
Current Limit Configuration Register
13h
ICUT1_
THRESHOLD
R/W
-
-
-
-
-
ICUT1
0000 0000
14h
ICUT2_
THRESHOLD
R/W
-
-
-
-
-
ICUT2
0000 0000
15h
ICUT3_
THRESHOLD
R/W
-
-
-
-
-
ICUT3
0000 0000
16h
ICUT4_
THRESHOLD
R/W
-
-
-
-
-
ICUT4
0000 0000
17h
ILIM1_
THRESHOLD
R/W
-
-
-
-
-
-
-
ILIM1
0000 0000
18h
ILIM2_
THRESHOLD
R/W
-
-
-
-
-
-
-
ILIM2
0000 0000
19h
ILIM3_
THRESHOLD
R/W
-
-
-
-
-
-
-
ILIM3
0000 0000
1Ah
ILIM4_
THRESHOLD
R/W
-
-
-
-
-
-
-
ILIM4
0000 0000
Status Register
20h
POWER_
SOURCE_
STATUS1
R
FETF4
FETF3
FETF2
FETF1
VCCUV
OTP
VINOV
VINUV
0000 1001
21h
R/C (12)
22h
POWER_
SOURCE_
STATUS2
R
-
-
-
-
-
-
VINOK
OVP
MAX
0000 0000
23h
R/C (12)
24h
DET/CLS_
COMPLETE_
STATUS
R
R/C (12)
CLSC4
CLSC3
CLSC2
CLSC1
DETC4
DETC3
DETC2
DETC1
0000 0000
25h
26h
DET/CLS_
RESULT_1
R
CLSR1
2EVNT
C1
DETR1
0000 0000
27h
DET/CLS_
RESULT_2
R
CLSR2
2EVNT
C2
DETR2
0000 0000
28h
DET/CLS_
RESULT_3
R
CLSR3
2EVNT
C3
DETR3
0000 0000
29h
DET/CLS_
RESULT_4
R
CLSR4
2EVNT
C4
DETR4
0000 0000
2Ah
POWER_STATUS
R
PG4
PG3
PG2
PG1
PEN4
PEN3
PEN2
PEN1
0000 0000
2Bh
POWER_
STATUS_
CHANGE
R
PGC4
PGC3
PGC2
PGC1
PEC4
PEC3
PEC2
PEC1
0000 0000
2Ch
R/C
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com