Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 18Page - Monolithic Power Systems MP3924 Datasheet HTML 19Page - Monolithic Power Systems MP3924 Datasheet HTML 20Page - Monolithic Power Systems MP3924 Datasheet HTML 21Page - Monolithic Power Systems MP3924 Datasheet HTML 22Page - Monolithic Power Systems MP3924 Datasheet HTML 23Page - Monolithic Power Systems MP3924 Datasheet HTML 24Page - Monolithic Power Systems MP3924 Datasheet HTML 25Page - Monolithic Power Systems MP3924 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
22
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
controlled by the ICUTx bits), then a timer (tICUT)
is enabled to record the OC condition.
8The
port
turns
once
this
timer
finishes
counting. If the load current exceeds VCUT and
triggers VILIM / RSENSE, then the GATE pin
regulates the load at the current limit level. An
additional timer (tILIM) is enabled to record the
current limit event. tILIM is counted even if the
MP3924 is in current foldback mode.
VCUT detects the OC threshold, which is below
the VILIM threshold. tICUT starts counting when
the OC condition begins. If the load current
drops
below
VCUT,
tICUT
does
not
reset
immediately. Instead, tICUT counts down at a
rate that is 1/16 of how quickly is counts up.
The tICUT timer records for a total of 60ms for
every 0.96s + 0.06s detection window.
If the port shuts down due to an OC condition,
the port can be re-enabled only after tICUT
counts down to 0. This logic can detect a short
or repeated OC condition. The logic also
protects
the
external
MOSFET
from
overheating. tILIM and tNRUSH operate with the
same logic.
The over-current protection (OCP) timer does
not reset even if the device shuts down or the
EN bit turns off. This means that the port cannot
be re-enabled until the timer counts to 0 again.
In manual mode, the host should read the Read
and Clear register address continuously until
the register is reset to 0. Then the port is re-
enabled. In automatic mode, the MP3924
automatically restarts after the timer counts
down to 0.
When tICUT is completed, the related OUT port
shuts down (see Figure 10). At the same time,
the
POWER_STATUS
and
OVER_LOAD_STATUS registers are set to
indicate the power condition.
The default VCUT is different for Classes 0~3
than Class 4 and Class 5. VCUT can also be
configured. VILIM has three fixed values for
Classes 0~3, Class 4, and Class 5.
t
OUTx
Pin
VIN
ILIM
Current
tCUT
ICU T
<60ms
60ms
SR1
SR2
SR1 = 16 x SR2
OCP
>0.96s
Detect.
t
t
Figure 10: ICUT Over-Current Detection
The GATE pin typically has a 43µA source
current capability for current limit regulation,
which means that the output voltage maximum
start-up slew rate can be controlled by IGATE /
CGD (CGD is the capacitance between the
external MOSFET’s gate and drain). When the
GATE pin
’s voltage is pulled down to 1V by a
weak discharge current, the voltage is latched
to 0V with a strong pull-down current until the
next start-up event. If the load current ramps up
quickly and triggers the VSCP fast-off voltage
threshold, the MP3924 shuts down port power
quickly to protect the MOSFET. The load at the
current limit level is regulated until the timer
(tILIM) counts down.
The MP3924 shuts down the corresponding
output port if an ICUT or ILIM event occurs, and
the related fault bits are set. The following
registers are also affected:
 The
PGx
and
PENx
bits
in
the
POWER_STATUS register are cleared.
 The
DET/CLS_RESULTx
register
and
PORTx_VOLTAGE/CURRENT register are
cleared.
 The PGCx and PECx bits in the
POWER_STATUS_CHANGE register are
set.
 The ICUTx and ILIMx bits are cleared.
Current Foldback
During an overload or short-circuit condition,
the MP3924 limits the current through the
sense
resistor
by
controlling
the
external
MOSFET. The MOSFET loses power due to the
rising drain voltage. To reduce power loss and
protect the MOSFET, reduce the current limit
when the drain voltage rises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com