Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 53 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 53 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 48Page - Monolithic Power Systems MP3924 Datasheet HTML 49Page - Monolithic Power Systems MP3924 Datasheet HTML 50Page - Monolithic Power Systems MP3924 Datasheet HTML 51Page - Monolithic Power Systems MP3924 Datasheet HTML 52Page - Monolithic Power Systems MP3924 Datasheet HTML 53Page - Monolithic Power Systems MP3924 Datasheet HTML 54Page - Monolithic Power Systems MP3924 Datasheet HTML 55Page - Monolithic Power Systems MP3924 Datasheet HTML 56Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
53
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
FDMC3612
Q1A
FDMC3612
Q1B
FDMC3612
Q1C
FDMC3612
Q1D
0.25
Ω
R1A
0.25
Ω
R1B
0.25
Ω
R1C
0.25
Ω
R1D
SMBJ58A
D1B
0.1µF
C2A
0.1µF
C2B
0.1µF
C2C
0.1µF
C2D
VIN
PGND
PGND
SCL
9
GATE2
30
A1
14
OUT3
28
AUTO
6
INT2
3
INT1
8
CLS5
5
OUT1
2
SGND1
4
SDAO
10
A0
13
EN
12
OUT2
31
SENSE2
29
GATE3
27
A3
16
VCC
20
PMAX
21
SENSE4
23
OUT4
25
MID
7
GATE1
1
SGND2
18
GATE4
24
SENSE1
32
A2
15
SENSE3
26
SDAI
11
U1
MP3924
1µF
C3
PGND
PGND
PGND
100k
Ω
R3
120k
Ω
R2
DGND
DGND
GND
SMBJ58A
D1A
SMBJ58A
D1C
SMBJ58A
D1D
0.1µF
C1B
220µF
C1A
Port 1
Output
Port 2
Output
Port 3
Output
Port 4
Output
Figure 23: Typical Application Circuit without I2C Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com