Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3924 Datasheet HTML 1Page - Monolithic Power Systems MP3924 Datasheet HTML 2Page - Monolithic Power Systems MP3924 Datasheet HTML 3Page - Monolithic Power Systems MP3924 Datasheet HTML 4Page - Monolithic Power Systems MP3924 Datasheet HTML 5Page - Monolithic Power Systems MP3924 Datasheet HTML 6Page - Monolithic Power Systems MP3924 Datasheet HTML 7Page - Monolithic Power Systems MP3924 Datasheet HTML 8Page - Monolithic Power Systems MP3924 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MP3924
Quad-Port, IEEE 802.3af/at
PSE Controller for Power over Ethernet
MP3924 Rev. 1.0
MonolithicPower.com
1
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP3924 is a quad-port power source
equipment (PSE) power controller for IEEE
802.3af/at compliant power over Ethernet (PoE)
applications.
The device has all the functions of IEEE
802.3af/at, including detection, single-event and
two-event classification, current limiting, and
disconnected load detection. All of the functions
can
be
configured
to
work
in
automatic
operation mode or software program mode via
the I2C.
The MP3924 features a 9-bit analog-to-digital
converter (ADC) to monitor the current and
voltage, a special I2C interface for isolated
controller communication, adjustable current
limits,
and
configurable
system
functions.
These
features
provide
flexibility
for
PoE
applications.
The
MP3924
is
available
in
a
QFN-32
(5mmx5mm) package.
FEATURES
 IEEE802.3af/at Compliant
 Quad-Port and 4-Bit Configurable I2C
Address
 0.25Ω Current-Sense Resistor
 Automatic Mode and I2C Command Control
Mode
 Automatic Input Over-Power Shutdown
 Internal VCC Power Supply
 Three-Wire I2C Interface for Isolated
Applications
 Two INT Pins for Interrupt Priority Selection
 Disconnected DC Load Detection
 Instantaneous Current/Voltage Readout
 Thermal Protection
 Available in a QFN-32 (5mmx5mm)
Package
APPLICATIONS
 PSE Switches/Routers
 PSE Midspan Power Injectors
 Surveillance NVR and DVRs
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
MP3924
VIN
VIN = 54V
C1
VCC
EN
AUTO
MID
A3
A2
A1
A0
OUTn
Output
Port x4
GATEn
SENSEn
SGNDx
PGND
DGND
SCL
SDAO
SDAI
INT1
C2
C3
R1
Q1
D1
PMAX
R2
INT2
Note: Only One Port
is Shown Here
CLS5
CH1: VOUTx -
VVIN
20V/div.
Start-Up for Class 4 PD
100ms/div.


Similar Part No. - MP3924

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP39 APEX-MP39 Datasheet
261Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
Monolithic Power System...
MP3900 MPS-MP3900 Datasheet
281Kb / 13P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
281Kb / 13P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
223Kb / 4P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
371Kb / 6P
High Efficiency Flyback Converter EV Board
More results

Similar Description - MP3924

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4259A LINER-LTC4259A Datasheet
326Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4258 LINER-LTC4258 Datasheet
297Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A-1 LINER-LTC4259A-1 Datasheet
421Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Linear Technology
LTC4258 LINER-LTC4258_15 Datasheet
389Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A LINER-LTC4259A_15 Datasheet
419Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A-1 LINER-LTC4259A-1_15 Datasheet
427Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com