Electronic Components Datasheet Search
  English  ▼

X  

MP3924 Datasheet(PDF) 52 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 52 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 48Page - Monolithic Power Systems MP3924 Datasheet HTML 49Page - Monolithic Power Systems MP3924 Datasheet HTML 50Page - Monolithic Power Systems MP3924 Datasheet HTML 51Page - Monolithic Power Systems MP3924 Datasheet HTML 52Page - Monolithic Power Systems MP3924 Datasheet HTML 53Page - Monolithic Power Systems MP3924 Datasheet HTML 54Page - Monolithic Power Systems MP3924 Datasheet HTML 55Page - Monolithic Power Systems MP3924 Datasheet HTML 56Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
52
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 3: ILIM Threshold
ILIM Register Value
ICUT (mA)
0
425
1
850 for Class 4
1060 for Class 5
In automatic mode, the bits are set to 0 for
Class 0~3 results, or they are set to 1 for Class
4 and Class 5 based on the classification result.
Design Example
Table 4 shows a design example following the
application guidelines.
Table 4: Design Example
VIN
44V to 57V
VOUT
0V to 57V
POUT
4 x 0W to 30W
Figure 23 on page 53 shows the detailed
application
schematic.
The
Typical
Performance Characteristics section on page
15 shows the typical performance and circuit
waveforms. For more device applications, refer
to the related evaluation board datasheet(s).
PCB Layout Guidelines
Efficient PCB layout is critical, as poor layout
can result in reduced performance, resistive
loss, and system instability. For the best results,
refer to Figure 22 and follow the guidelines
below:
1. Place the current-sense resistor close to the
IC.
To
optimize
accuracy,
place
the
SENSE1~4 pins and the SGND1~2 pins
close to the current-sense resistor. This
minimizes the impact of the PCB trace
resistance.
2. Kelvin connect the top of R1A
–R1D to the
SENSE1~4 pins. Kelvin connect the bottom
of R1A and R1B to SGND1, then Kelvin
connect R1C and R1D to SGND2.
3. Place the input capacitor (C1B) as close to
the VIN and PGND pins as possible.
4. Place the VCC capacitor (C3) as close to
the VCC and DGND pins as possible.
5. Place the PMAX resistor (R2) as close to
the PMAX and DGND pins as possible.
6. Place a sufficient number of GND vias
under the MP3924 to provide good thermal
dissipation. This also lowers the PCB trace
resistance from the bottom of the current-
sense resistor to PGND.
7. Use a separated DGND and PGND layout.
Connect DGND and PGND under the
package, and between the DGND and
PGND pins.
2
1
2
1
2
1
2
1
2
U1
C3
R2
C1B
C1A
D1D
C2D
Q1D
D1C
C2C
Q1C
D1B
C2B
Q1B
D1A
C2A
Q1A
R1A
R1B
R1D
R1C
VIN
GND
OUT4
OUT3
OUT2
OUT1
Top Layer
Bottom Layer
Vias
Figure 22: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com