Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 30Page - Renesas Technology Corp 32182 Datasheet HTML 31Page - Renesas Technology Corp 32182 Datasheet HTML 32Page - Renesas Technology Corp 32182 Datasheet HTML 33Page - Renesas Technology Corp 32182 Datasheet HTML 34Page - Renesas Technology Corp 32182 Datasheet HTML 35Page - Renesas Technology Corp 32182 Datasheet HTML 36Page - Renesas Technology Corp 32182 Datasheet HTML 37Page - Renesas Technology Corp 32182 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 755 page
background image
1
1-7
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
Table 1.2.1 Features of the 32182 (2/2)
1.2 Block Diagram
Functional Block
Features
A-D converter (ADC)
• 12 channels: 10-bit resolution A-D converter
• Conversion modes: Ordinary conversion modes plus comparator mode
• Operation modes: Single conversion mode and n-channel scan mode (n = 1–12)
• Sample-and-hold function: Sample-and-hold function can be enabled or disabled as necessary.
• A-D disconnection detection assist function: Influences of the analog input voltage leakage from
any preceding channel during scan mode operation are suppressed.
• An inflow current bypass circuit is built-in.
• Can generate an interrupt or start DMA transfer upon completion of A-D conversion.
• Either 8 or 10-bit conversion results can be read out.
• Interrupt request: Completion of A-D conversion
• DMA transfer request: Completion of A-D conversion
Serial I/O (SIO)
• 4-channel serial I/O
• Can be chosen to be clock-synchronized serial I/O or UART.
• Data can be transferred at high speed (2 Mbits per second during clock-synchronized mode or
156 Kbits per second during UART mode when f(BCLK) = 20 MHz).
• Interrupt request: Reception completed, receive error, transmit buffer empty or transmission completed
• DMA transfer request: Reception completed or transmit buffer empty
CAN
• 16 message slots × 2 blocks
• Compliant with CAN specification 2.0B active.
• Interrupt request: Transmission completed, reception completed, bus error, error-passive, bus-off
or single shot
• DMA transfer request: Failed to send, transmission completed or reception completed
Real-Time Debugger
• Internal RAM can be rewritten or monitored independently of the CPU by entering a command
(RTD)
from the outside.
• Comes with exclusive clock-synchronized serial ports.
• Interrupt request: RTD interrupt command input
Interrupt Controller (ICU)
• Controls interrupt requests from the internal peripheral I/O.
• Supports 8-level interrupt priority including an interrupt disabled state.
• External interrupt: 11 sources (SBI#, TIN0,TIN3, TIN16-TIN23)
• TIN pin input sensing: Rising, falling or both edges or high or low level
Wait Controller
• Controls wait states for access to the extended external area.
• Insertion of 0–7 wait states by setting up in software + wait state extension by entering WAIT# signal
PLL
• A multiply-by-8 clock generating circuit
Clock
• Maximum external input clock frequency (XIN) is 10.0 MHz.
• CPUCLK: Operating clock for the M32R-FPU core, internal flash memory and internal RAM
The maximum CPU clock is 80 MHz (when f(XIN) = 10 MHz).
• BCLK: Operating clock for the internal peripheral I/O and external data bus
The maximum peripheral clock is 20 MHz (peripheral module access when
f(XIN) = 10 MHz).
• Clock output (BCLK pin output): A clock with the same frequency as BCLK is output from this pin.
JTAG
• Boundary scan function
VDC
• Internal power supply generating circuit: Generates the internal power supply (2.5 V) from an
external single power supply (5 or 3.3 V).
Ports
• Input/output pins: 97 pins
• The port input threshold can be set in a program to one of three levels individually for each port
group (with or without Schmitt circuit, selectable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com