Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 94Page - Renesas Technology Corp 32182 Datasheet HTML 95Page - Renesas Technology Corp 32182 Datasheet HTML 96Page - Renesas Technology Corp 32182 Datasheet HTML 97Page - Renesas Technology Corp 32182 Datasheet HTML 98Page - Renesas Technology Corp 32182 Datasheet HTML 99Page - Renesas Technology Corp 32182 Datasheet HTML 100Page - Renesas Technology Corp 32182 Datasheet HTML 101Page - Renesas Technology Corp 32182 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 755 page
background image
4
4-3
EIT
32182 Group User’s Manual (Rev.1.0)
4.2 EIT Events
4.2 EIT Events
4.2.1 Exception
(1) Reserved Instruction Exception (RIE)
Reserved Instruction Exception (RIE) occurs when execution of a reserved instruction (unimplemented
instruction) is detected.
(2) Address Exception (AE)
Address Exception (AE) occurs when an attempt is made to access a misaligned address in Load or Store
instructions.
(3) Floating-point Exception (FPE)
Floating-point Exception (FPE) occurs when Unimplemented Exception (UIPL) or one of the five exceptions
specified in the IEEE 754 standard (OVF/UDF/IXCT/DIV0/IVLD) is detected. Each exception processing is
outlined below.
1) Overflow Exception (OVF)
The exception occurs when the absolute value of the operation result exceeds the largest describable
precision in the floating-point format. The following table shows the operation results when an OVF oc-
curs.
Table 4.2.1 Operation Results When an OVF Occurred
Note 1: When the overflow exception enable (EO) bit (FPSR register bit 20) = "0"
Note 2: When the overflow exception enable (EO) bit (FPSR register bit 20) = "1"
Note: • If an OVF occurs while EIT processing for OVF is masked, an IXCT occurs at the same time.
• +MAX = H’7F7F FFFF, –MAX = H’FF7F FFFF
2) Underflow Exception (UDF)
The exception occurs when the absolute value of the operation result is less than the largest describable
precision in the floating-point format. The following table shows the operation results when a UDF occurs.
Table 4.2.2 Operation Results when a UDF Occurred
Note 1: When the underflow exception enable (EU) bit (FPSR register bit 18) = "0"
Note 2: When the underflow exception enable (EU) bit (FPSR register bit 18) = "1"
+
-
+
-
+
-
+
-
Sign of the Result
-Infinity
+Infinity
0
Rounding Mode
Nearest
Operation Result (Content
When the OVF EIT processing is
masked (Note 1)
+MAX
-Infinity
+Infinity
-MAX
+MAX
-MAX
+Infinity
-Infinity
of the Destination Register)
When the OVF EIT processing is
executed (Note 2)
No change
Operation Result (Content
When UDF EIT processing is masked (Note 1)
DN = 0: An unimplemented exception occurs
DN = 1: 0 is returned
of the Destination Register)
When UDF EIT processing is executed (Note 2)
No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com