Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 78Page - Renesas Technology Corp 32182 Datasheet HTML 79Page - Renesas Technology Corp 32182 Datasheet HTML 80Page - Renesas Technology Corp 32182 Datasheet HTML 81Page - Renesas Technology Corp 32182 Datasheet HTML 82Page - Renesas Technology Corp 32182 Datasheet HTML 83Page - Renesas Technology Corp 32182 Datasheet HTML 84Page - Renesas Technology Corp 32182 Datasheet HTML 85Page - Renesas Technology Corp 32182 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 755 page
background image
3
3-23
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (12/21)
Address
+0 address
+1 address
See
b0
b7 b8
b15
pages
H'0080 0FF4
TML1 Measure 2 Register
(Upper)
10-114
(TML1MR2)
H'0080 0FF6
(Lower)
H'0080 0FF8
TML1 Measure 1 Register
(Upper)
10-114
(TML1MR1)
H'0080 0FFA
(Lower)
H'0080 0FFC
TML1 Measure 0 Register
(Upper)
10-114
(TML1MR0)
H'0080 0FFE
(Lower)
(Use inhibited area)
H'0080 1000
CAN0 Control Register
13-15
(CAN0CNT)
H'0080 1002
CAN0 Status Register
13-18
(CAN0STAT)
H'0080 1004
CAN0 Frame Format Select Register
13-21
(CAN0FFS)
H'0080 1006
CAN0 Configuration Register
13-22
(CAN0CONF)
H'0080 1008
CAN0 Timestamp Count Register
13-24
(CAN0TSTMP)
H'0080 100A
CAN0 Receive Error Count Register
CAN0 Transmit Error Count Register
13-25
(CAN0REC)
(CAN0TEC)
H'0080 100C
CAN0 Slot Interrupt Request Status Register
13-29
(CAN0SLIST)
H'0080 100E
(Use inhibited area)
H'0080 1010
CAN0 Slot Interrupt Request Enable Register
13-30
(CAN0SLIEN)
H'0080 1012
(Use inhibited area)
H'0080 1014
CAN0 Error Interrupt Request Status Register
CAN0 Error Interrupt Request Enable Register
13-31
(CAN0ERIST)
(CAN0ERIEN)
13-32
H'0080 1016
CAN0 Baud Rate Prescaler
CAN0 Cause of Error Register
13-26
(CAN0BRP)
(CAN0EF)
13-45
H'0080 1018
CAN0 Mode Register
CAN0 DMA Transfer Request Select Register
13-46
(CAN0MOD)
(CAN0DMARQ)
13-47
(Use inhibited area)
H'0080 1028
CAN0 Global Mask Register Standard ID 0
CAN0 Global Mask Register Standard ID 1
13-48
(C0GMSKS0)
(C0GMSKS1)
H'0080 102A
CAN0 Global Mask Register Extended ID 0
CAN0 Global Mask Register Extended ID 1
13-49
(C0GMSKE0)
(C0GMSKE1)
H'0080 102C
CAN0 Global Mask Register Extended ID 2
(Use inhibited area)
13-50
(C0GMSKE2)
H'0080 102E
(Use inhibited area)
H'0080 1030
CAN0 Local Mask Register A Standard ID 0
CAN0 Local Mask Register A Standard ID 1
13-48
(C0LMSKAS0)
(C0LMSKAS1)
H'0080 1032
CAN0 Local Mask Register A Extended ID 0
CAN0 Local Mask Register A Extended ID 1
13-49
(C0LMSKAE0)
(C0LMSKAE1)
H'0080 1034
CAN0 Local Mask Register A Extended ID 2
(Use inhibited area)
13-50
(C0LMSKAE2)
H'0080 1036
(Use inhibited area)
H'0080 1038
CAN0 Local Mask Register B Standard ID 0
CAN0 Local Mask Register B Standard ID 1
13-48
(C0LMSKBS0)
(C0LMSKBS1)
H'0080 103A
CAN0 Local Mask Register B Extended ID 0
CAN0 Local Mask Register B Extended ID 1
13-49
(C0LMSKBE0)
(C0LMSKBE1)
H'0080 103C
CAN0 Local Mask Register B Extended ID 2
(Use inhibited area)
13-50
(C0LMSKBE2)
H'0080 103E
(Use inhibited area)
H'0080 1040
CAN0 Single Shot Mode Control Register
13-52
(CAN0SSMODE)
H'0080 1042
(Use inhibited area)
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com