Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 64Page - Renesas Technology Corp 32182 Datasheet HTML 65Page - Renesas Technology Corp 32182 Datasheet HTML 66Page - Renesas Technology Corp 32182 Datasheet HTML 67Page - Renesas Technology Corp 32182 Datasheet HTML 68Page - Renesas Technology Corp 32182 Datasheet HTML 69Page - Renesas Technology Corp 32182 Datasheet HTML 70Page - Renesas Technology Corp 32182 Datasheet HTML 71Page - Renesas Technology Corp 32182 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 755 page
background image
3
3-9
ADDRESS SPACE
32182 Group User’s Manual (Rev.1.0)
3.3 Internal ROM and Extended External Areas
The 8-Mbyte area in the user space from the address H’0000 0000 to the address H’007F FFFF comprise the
internal ROM and extended external areas. For the address mapping of these areas that differs with each opera-
tion mode, see Section 3.2, “Operation Modes.”
3.3.1 Internal ROM Area
The internal ROM is allocated to the addresses shown below. Located at the beginning of this area is the EIT
vector entry (and the ICU vector table).
Table 3.3.1 Internal ROM Allocation Address
Type Name
Size
Allocation Address
M32182F3
384 Kbytes
H’0000 0000 to H’0005 FFFF
M32182F8
1 Mbyte
H’0000 0000 to H’000F FFFF
3.3.2 Extended External Area
The extended external area is only available when external extension or processor mode is selected by opera-
tion mode settings. When accessing the extended external area, the control signals necessary to access exter-
nal devices are output.
The CS0# through CS3# signals are output corresponding to the address mapping of the extended external
area. The CS0#, CS1#, CS2# and CS3# signals are output for the CS0, CS1, CS2 and CS3 areas, respectively.
Table 3.3.2 Address Mapping of the Extended External Area in Each Operation Mode
Operation Mode
Address Mapping of Extended External Area
Single-chip mode
None
External extension mode
H’0010 0000 to H’001F FFFF (CS0 area: 1 Mbyte)
H’0020 0000 to H’003F FFFF (CS1 area: 2 Mbytes)
H’0040 0000 to H’005F FFFF (CS2 area: 2 Mbytes)
H’0060 0000 to H’007F FFFF (CS3 area: 2 Mbytes)
Processor mode
H’0000 0000 to H’001F FFFF (CS0 area: 2 Mbytes)
H’0020 0000 to H’003F FFFF (CS1 area: 2 Mbytes)
H’0040 0000 to H’005F FFFF (CS2 area: 2 Mbytes)
H’0060 0000 to H’007F FFFF (CS3 area: 2 Mbytes)
3.3 Internal ROM and Extended External Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com