Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 95Page - Renesas Technology Corp 32182 Datasheet HTML 96Page - Renesas Technology Corp 32182 Datasheet HTML 97Page - Renesas Technology Corp 32182 Datasheet HTML 98Page - Renesas Technology Corp 32182 Datasheet HTML 99Page - Renesas Technology Corp 32182 Datasheet HTML 100Page - Renesas Technology Corp 32182 Datasheet HTML 101Page - Renesas Technology Corp 32182 Datasheet HTML 102Page - Renesas Technology Corp 32182 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 755 page
background image
4
4-4
EIT
32182 Group User’s Manual (Rev.1.0)
Note 1: When the zero division exception enable (EZ) bit (FPSR register bit 19) = "0"
Note 2: When the zero division exception enable (EZ) bit (FPSR register bit 19) = "1"
Please note that the DIV0 EIT processing does not occur in the following conditions.
Table 4.2.5 Cases in Which No DIV0 Occur
4.2 EIT Events
3) Inexact Exception (IXCT)
The exception occurs when the operation result differs from a result led out with an infinite range of
precision. The following table shows the operation results and the respective conditions in which each
IXCT occurs.
Table 4.2.3 Operation Results when an IXCT Occurred
Note 1: When the inexact exception enable (EX) bit (FPSR register bit 17) = "0"
Note 2: When the inexact exception enable (EX) bit (FPSR register bit 17) = "1"
4) Zero Division Exception (DIV0)
The exception occurs when a finite nonzero value is divided by zero. The following table shows the
operation results when a DIV0 is occurs.
Table 4.2.4 Operation Results When a DIV0 Occurred
Overflow occurs in OVF masked
condition
Rounding occurs
Occurrence Condition
Operation Result (Content of
When the IXCT EIT processing for is
masked (Note 1)
Reference OVF operation results
Rounded value
the Destination Register)
When the IXCT EIT processing is
executed (Note 2)
No change
No change
Nonzero finite value
Dividend
of the Destination Register)
When the DIV0 EIT processing is
executed (Note 2)
No change
Operation Result (Content
When the DIV0 EIT processing is
masked (Note 1)
+-Infinity (Sign is derived by
exclusive ORing the signs of the
divisor and dividend.)
Dividend
0
Infinity
Behavior
An invalid operation exception occurs
No exceptions occur (with the result = "Infinity")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com