Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 72Page - Renesas Technology Corp 32182 Datasheet HTML 73Page - Renesas Technology Corp 32182 Datasheet HTML 74Page - Renesas Technology Corp 32182 Datasheet HTML 75Page - Renesas Technology Corp 32182 Datasheet HTML 76Page - Renesas Technology Corp 32182 Datasheet HTML 77Page - Renesas Technology Corp 32182 Datasheet HTML 78Page - Renesas Technology Corp 32182 Datasheet HTML 79Page - Renesas Technology Corp 32182 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 755 page
background image
3
3-17
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (6/21)
Address
+0 address
+1address
See
b0
b7 b8
b15
pages
H'0080 02E4
(Use inhibited area)
H'0080 02E6
TOP10 Correction Register
10-56
(TOP10CC)
H'0080 02E8
(Use inhibited area)
H'0080 02EA
TOP8–10 Control Register
10-53
(TOP810CR)
(Use inhibited area)
H'0080 02FA
TOP External Enable Permit Register
10-57
(TOPEEN)
H'0080 02FC
TOP Enable Protect Register
10-57
(TOPPRO)
H'0080 02FE
TOP Count Enable Register
10-58
(TOPCEN)
H'0080 0300
TIO0 Counter
10-88
(TIO0CT)
H'0080 0302
(Use inhibited area)
H'0080 0304
TIO0 Reload 1 Register
10-90
(TIO0RL1)
H'0080 0306
TIO0 Reload 0/ Measure Register
10-89
(TIO0RL0)
(Use inhibited area)
H'0080 0310
TIO1 Counter
10-88
(TIO1CT)
H'0080 0312
(Use inhibited area)
H'0080 0314
TIO1 Reload 1 Register
10-90
(TIO1RL1)
H'0080 0316
TIO1 Reload 0/ Measure Register
10-89
(TIO1RL0)
H'0080 0318
(Use inhibited area)
H'0080 031A
TIO0–3 Control Register 0
10-81
(TIO03CR0)
H'0080 031C
(Use inhibited area)
TIO0–3 Control Register 1
10-82
(TIO03CR1)
(Use inhibited area)
H'0080 0320
TIO2 Counter
10-88
(TIO2CT)
H'0080 0322
(Use inhibited area)
H'0080 0324
TIO2 Reload 1 Register
10-90
(TIO2RL1)
H'0080 0326
TIO2 Reload 0/ Measure Register
10-89
(TIO2RL0)
(Use inhibited area)
H'0080 0330
TIO3 Counter
10-88
(TIO3CT)
H'0080 0332
(Use inhibited area)
H'0080 0334
TIO3 Reload 1 Register
10-90
(TIO3RL1)
H'0080 0336
TIO3 Reload 0/ Measure Register
10-89
(TIO3RL0)
(Use inhibited area)
H'0080 0340
TIO4 Counter
10-88
(TIO4CT)
H'0080 0343
(Use inhibited area)
H'0080 0344
TIO4 Reload 1 Register
10-90
(TIO4RL1)
H'0080 0346
TIO4 Reload 0/ Measure Register
10-89
(TIO4RL0)
|
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com