| Electronic Components Datasheet Search |
|
32182 Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32182 Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 755 page ![]() (3) 6.4 Registers Associated with the Internal Flash Memory ----------------------------------------------------------- 6-5 6.4.1 Flash Mode Register ------------------------------------------------------------------------------------------ 6-5 6.4.2 Flash Status Registers ---------------------------------------------------------------------------------------- 6-6 6.4.3 Flash Status Register 2 (FSTAT2) ------------------------------------------------------------------------- 6-6 6.4.4 Flash Control Registers --------------------------------------------------------------------------------------- 6-8 6.4.5 Virtual Flash S Bank Registers ----------------------------------------------------------------------------- 6-12 6.5 Programming the Internal Flash Memory ---------------------------------------------------------------------------- 6-13 6.5.1 Outline of Internal Flash Memory Programming -------------------------------------------------------- 6-13 6.5.2 Controlling Operation Modes during Flash Programming -------------------------------------------- 6-18 6.5.3 Procedure for Programming/Erasing the Internal Flash Memory ---------------------------------- 6-21 6.5.4 Flash Programming Time (Reference) -------------------------------------------------------------------- 6-30 6.6 Virtual Flash Emulation Function -------------------------------------------------------------------------------------- 6-31 6.6.1 Virtual Flash Emulation Area -------------------------------------------------------------------------------- 6-32 6.6.2 Entering Virtual Flash Emulation Mode ------------------------------------------------------------------- 6-35 6.6.3 Application Example of Virtual Flash Emulation Mode ------------------------------------------------ 6-36 6.7 Connecting to A Serial Programmer ---------------------------------------------------------------------------------- 6-38 6.8 Internal Flash Memory Protect Function ----------------------------------------------------------------------------- 6-40 6.9 Precautions To Be Taken when Rewriting the Internal Flash Memory -------------------------------------- 6-41 CHAPTER 7 RESET 7.1 Outline of Reset ------------------------------------------------------------------------------------------------------------ 7-2 7.2 Reset Operation ----------------------------------------------------------------------------------------------------------- 7-2 7.2.1 Reset at Power-on --------------------------------------------------------------------------------------------- 7-3 7.2.2 Reset during Operation --------------------------------------------------------------------------------------- 7-3 7.2.3 Reset at Entering RAM Backup Mode -------------------------------------------------------------------- 7-3 7.2.4 Reset Vector Relocation during Flash Programming -------------------------------------------------- 7-3 7.3 Internal State Immediately after Reset ------------------------------------------------------------------------------- 7-4 7.4 Things to Be Considered after Reset --------------------------------------------------------------------------------- 7-4 CHAPTER 8 INPUT/OUTPUT PORTS AND PIN FUNCTIONS 8.1 Outline of Input/Output Ports ------------------------------------------------------------------------------------------- 8-2 8.2 Selecting Pin Functions -------------------------------------------------------------------------------------------------- 8-3 8.3 Input/Output Port Related Registers ---------------------------------------------------------------------------------- 8-5 8.3.1 Port Data Registers -------------------------------------------------------------------------------------------- 8-7 8.3.2 Port Direction Registers -------------------------------------------------------------------------------------- 8-8 8.3.3 Port Operation Mode Registers ----------------------------------------------------------------------------- 8-9 8.3.4 Port Peripheral Output Select Registers ------------------------------------------------------------------ 8-20 8.3.5 Port Input Special Function Control Register ------------------------------------------------------------ 8-21 8.4 Port Input Level Switching Function ---------------------------------------------------------------------------------- 8-24 8.5 Port Peripheral Circuits -------------------------------------------------------------------------------------------------- 8-27 8.6 Precautions on Input/Output Ports ------------------------------------------------------------------------------------ 8-31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |