Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 39Page - Renesas Technology Corp 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp 32182 Datasheet HTML 43Page - Renesas Technology Corp 32182 Datasheet HTML 44Page - Renesas Technology Corp 32182 Datasheet HTML 45Page - Renesas Technology Corp 32182 Datasheet HTML 46Page - Renesas Technology Corp 32182 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 755 page
background image
1-16
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.4 Pin Assignments
Table 1.4.1 Pin Assignments of the 32182 (2/4)
Port
Other than
port
52
P61
P61
-
-
Input/output
53
P62
P62
-
-
Input/output
54
P63
P63
-
-
Input/output
55
SBI#
-
SBI#
-
Input
56
VSS
-
VSS
-
-
57
VSS
-
VSS
-
-
58
VCCE
-
VCCE
-
-
59
EXCVCC
-
EXCVCC
-
-
60
P124/TCLK0
P124
TCLK0
-
Input/output
61
P125/TCLK1
P125
TCLK1
-
Input/output
62
P126/TCLK2
P126
TCLK2
-
Input/output
63
P127/TCLK3
P127
TCLK3
-
Input/output
64
P110/TO0
P110
TO0
-
Input/output
65
P111/TO1
P111
TO1
-
Input/output
66
P112/TO2
P112
TO2
-
Input/output
67
P113/TO3
P113
TO3
-
Input/output
68
P114/TO4
P114
TO4
-
Input/output
69
P115/TO5
P115
TO5
-
Input/output
70
P116/TO6
P116
TO6
-
Input/output
71
P117/TO7
P117
TO7
-
Input/output
72
P97/TO20
P97
TO20
-
Input/output
73
P96/TO19
P96
TO19
-
Input/output
74
P95/TO18
P95
TO18
-
Input/output
75
P94/TO17
P94
TO17
-
Input/output
76
P93/TO16
P93
TO16
-
Input/output
77
VSS
-
VSS
-
-
78
VCC-BUS
-
VCC-BUS
-
-
80
P26/A29
P26
A29
-
Input/output
-
Input/output
79
P27/A30
P27
A30
Pin
No.
Symbol
Function
Type
Function
Type
State during
reset
State at reset
release
P61
Input
Hi-z
Hi-z
P62
Input
Hi-z
Hi-z
P63
Input
Hi-z
Hi-z
SBI#
Input
Hi-z
Hi-z
VSS
---
VSS
---
VCCE
---
EXCVCC
---
P124
Input
Hi-z
Hi-z
P125
Input
Hi-z
Hi-z
P126
Input
Hi-z
Hi-z
P127
Input
Hi-z
Hi-z
P110
Input
Hi-z
Hi-z
P111
Input
Hi-z
Hi-z
P112
Input
Hi-z
Hi-z
P113
Input
Hi-z
Hi-z
P114
Input
Hi-z
Hi-z
P115
Input
Hi-z
Hi-z
P116
Input
Hi-z
Hi-z
P117
Input
Hi-z
Hi-z
P97
Input
Hi-z
Hi-z
P96
Input
Hi-z
Hi-z
P95
Input
Hi-z
Hi-z
P94
Input
Hi-z
Hi-z
P93
Input
Hi-z
Hi-z
VSS
---
VCC-BUS
---
During single-chip and
external extension modes
P27
Input
Hi-z
Hi-z
During processor mode
A30
Output
Hi-z
Undefined
During single-chip and
external extension modes
P26
Input
Hi-z
Hi-z
During processor mode
A29
Output
Hi-z
Undefined
Condition
Pin State When Reset
-
Input/output
90
P34/A19
P34
A19
-
Input/output
88
P36/A21
89
P35/A20
P35
A20
P36
A21
-
Input/output
-
Input/output
-
Input/output
87
P37/A22
P37
A22
86
P20/A23
P20
A23
-
Input/output
84
P22/A25
85
P21/A24
P21
A24
P22
A25
-
Input/output
-
Input/output
-
Input/output
83
P23/A26
P23
A26
82
P24/A27
P24
A27
-
Input/output
81
P25/A28
P25
A28
During single-chip and
external extension modes
P25
Input
Hi-z
Hi-z
During processor mode
A28
Output
Hi-z
Undefined
During single-chip and
external extension modes
P24
Input
Hi-z
Hi-z
During processor mode
A27
Output
Hi-z
Undefined
During single-chip and
external extension modes
P23
Input
Hi-z
Hi-z
During processor mode
A26
Output
Hi-z
Undefined
During single-chip and
external extension modes
P22
Input
Hi-z
Hi-z
During processor mode
A25
Output
Hi-z
Undefined
During single-chip and
external extension modes
P21
Input
Hi-z
Hi-z
During processor mode
A24
Output
Hi-z
Undefined
During single-chip and
external extension modes
P20
Input
Hi-z
Hi-z
During processor mode
A23
Output
Hi-z
Undefined
During single-chip and
external extension modes
P37
Input
Hi-z
Hi-z
During processor mode
A22
Output
Hi-z
Undefined
During single-chip and
external extension modes
P36
Input
Hi-z
Hi-z
During processor mode
A21
Output
Hi-z
Undefined
During single-chip and
external extension modes
P35
Input
Hi-z
Hi-z
During processor mode
A20
Output
Hi-z
Undefined
During single-chip and
external extension modes
P34
Input
Hi-z
Hi-z
During processor mode
A19
Output
Hi-z
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com