Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 33Page - Renesas Technology Corp 32182 Datasheet HTML 34Page - Renesas Technology Corp 32182 Datasheet HTML 35Page - Renesas Technology Corp 32182 Datasheet HTML 36Page - Renesas Technology Corp 32182 Datasheet HTML 37Page - Renesas Technology Corp 32182 Datasheet HTML 38Page - Renesas Technology Corp 32182 Datasheet HTML 39Page - Renesas Technology Corp 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 755 page
background image
1-10
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.3 Pin Functions
Table 1.3.1 Description of Pin Functions (2/5)
Type
Pin Name
Signal Name
Input/Output Description
Data bus
DB0–DB15
Data bus
Input/output
This 16-bit data bus is used to connect external devices.
When writing in byte units during a write cycle, the output
data at the invalid byte position is undefined. During a
read cycle, data on the entire 16-bit bus is always read in.
However, only the data at the valid byte position is
transferred into the internal circuit.
Bus control
CS0#–CS3# Chip select
Output
These are chip select signals for external devices.
RD#
Read
Output
This signal is output when reading an external device.
WR#
Write
Output
This signal is output when writing to an external device.
BHW#/BLW# Byte high/low write
Output
When writing to an external device, this signal indicates the
valid byte position to which data is transferred. BHW# and
BLW# correspond to the upper address side (bits 0–7 are
valid) and the lower address side (bits 8–15 are valid),
respectively.
BHE#
Byte high enable
Output
During an external device access, this signal indicates that
the high-order data (bits 0–7) is valid.
BLE#
Byte low enable
Output
During an external device access, this signal indicates that
the low-order data (bits 8–15) is valid.
WAIT#
Wait
Input
When accessing an external device, a low-level input on
WAIT# pin extends the wait cycle.
HREQ#
Hold request
Input
This input is used by an external device to request control
of the external bus. A low-level input on HREQ# pin places
the CPU in a hold state.
HACK#
Hold acknowledge
Output
This signal notifies that the CPU has entered a hold state
and relinquished control of the external bus.
Multijunction
TIN0, TIN3,
Timer input
Input
Input pins for the multijunction timer.
timer
TIN16–TIN23
TO0–TO20
Timer output
Output
Output pins for the multijunction timer.
TCLK0
Timer clock
Input
Clock input pins for the multijunction timer.
–TCLK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com