Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 70Page - Renesas Technology Corp 32182 Datasheet HTML 71Page - Renesas Technology Corp 32182 Datasheet HTML 72Page - Renesas Technology Corp 32182 Datasheet HTML 73Page - Renesas Technology Corp 32182 Datasheet HTML 74Page - Renesas Technology Corp 32182 Datasheet HTML 75Page - Renesas Technology Corp 32182 Datasheet HTML 76Page - Renesas Technology Corp 32182 Datasheet HTML 77Page - Renesas Technology Corp 32182 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 755 page
background image
3
3-15
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (4/21)
Address
+0 address
+1 address
See
b0
b7 b8
b15
pages
H'0080 0224
F/F0–15 Protect Register
10-24
(FF015P)
H'0080 0226
F/F0–15 Data Register
10-25
(FF015D)
H'0080 0228
(Use inhibited area)
F/F16–20 Protect Register
10-24
(FF1620P)
H'0080 022A
(Use inhibited area)
F/F16–20 Data Register
10-25
(FF1620D)
(Use inhibited area)
H'0080 0230
TOP0–5 Interrupt Request Status Register
TOP0–5 Interrupt Request Mask Register
10-30
(TOP05IST)
(TOP05IMA)
H'0080 0232
TOP6, 7 Interrupt Request Mask & Status Register
TOP8, 9 Interrupt Request Mask & Status Register
10-32
(TOP67IMS)
(TOP89IMS)
10-33
H'0080 0234
TIO0–3 Interrupt Request Mask & Status Register
TIO4–7 Interrupt Request Mask & Status Register
10-34
(TIO03IMS)
(TIO47IMS)
10-35
H'0080 0236
TIO8, 9 Interrupt Request Mask & Status Register
TMS0, 1 Interrupt Request Mask & Status Register
10-36
(TIO89IMS)
(TMS01IMS)
10-37
H'0080 0238
TIN0–2 Interrupt Request Mask & Status Register
TIN3–6 Interrupt Request Mask & Status Register
10-38
(TIN02IMS)
(TIN36IMS)
10-39
H'0080 023A
(Use inhibited area)
H'0080 023C
TIN12–19 Interrupt Request Status Register
TIN12–19 Interrupt Request Mask Register
10-40
(TIN1219IST)
(TIN1219IMA)
H'0080 023E
TIN20–23 Interrupt Request Mask & Status Register
(Use inhibited area)
10-42
(TIN2023IMS)
H'0080 0240
TOP0 Counter
10-54
(TOP0CT)
H'0080 0242
TOP0 Reload Register
10-55
(TOP0RL)
H'0080 0244
(Use inhibited area)
H'0080 0246
TOP0 Correction Register
10-56
(TOP0CC)
(Use inhibited area)
H'0080 0250
TOP1 Counter
10-54
(TOP1CT)
H'0080 0252
TOP1 Reload Register
10-55
(TOP1RL)
H'0080 0254
(Use inhibited area)
H'0080 0256
TOP1 Correction Register
10-56
(TOP1CC)
(Use inhibited area)
H'0080 0260
TOP2 Counter
10-54
(TOP2CT)
H'0080 0262
TOP2 Reload Register
10-55
(TOP2RL)
H'0080 0264
(Use inhibited area)
H'0080 0266
TOP2 Correction Register
10-56
(TOP2CC)
(Use inhibited area)
H'0080 0270
TOP3 Counter
10-54
(TOP3CT)
H'0080 0272
TOP3 Reload Register
10-55
(TOP3RL)
H'0080 0274
(Use inhibited area)
H'0080 0276
TOP3 Correction Register
10-56
(TOP3CC)
(Use inhibited area)
H'0080 0280
TOP4 Counter
10-54
(TOP4CT)
H'0080 0282
TOP4 Reload Register
10-55
(TOP4RL)
|
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com