Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 27Page - Renesas Technology Corp 32182 Datasheet HTML 28Page - Renesas Technology Corp 32182 Datasheet HTML 29Page - Renesas Technology Corp 32182 Datasheet HTML 30Page - Renesas Technology Corp 32182 Datasheet HTML 31Page - Renesas Technology Corp 32182 Datasheet HTML 32Page - Renesas Technology Corp 32182 Datasheet HTML 33Page - Renesas Technology Corp 32182 Datasheet HTML 34Page - Renesas Technology Corp 32182 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 755 page
background image
1-4
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.1 Outline of the 32182 Group
1.1.5 Built-in Clock Frequency Multiplier
• The 32182 contains a clock frequency multiplier, which is schematically shown in Figure 1.1.1 below.
XIN pin
(8MHz-10MHz)
BCLK (peripheral clock)
(16MHz-20MHz)
CPUCLK (CPU clock)
(64MHz-80MHz)
X8
1/4
PLL
Figure 1.1.1 Conceptual Diagram of the Clock Frequency Multiplier
Table 1.1.2 Clock
Functional Block
Features
CPUCLK
• CPU clock: Defined as f(CPUCLK) when it indicates the operating clock frequency for
the M32R-FPU core, internal flash memory and internal RAM.
BCLK
• Peripheral clock: Defined as f(BCLK) when it indicates the operating clock frequency
for the internal peripheral I/O and external data bus.
Clock output (BCLK pin output)
• A clock with the same frequency as f(BCLK) is output from this pin.
1.1.6 Powerful Peripheral Functions Built-in
(1) Multijunction timer (MJT)
(2) 10-channel DMAC
(3) 12-channel A-D converter (ADC)
(4) 4-channel high-speed serial I/O (SIO)
(5) Real-time debugger (RTD)
(6) 8-level interrupt controller (ICU)
(7) Three operation modes
(8) Wait controller
(9) 2-channel Full-CAN
(10) M32R family’s common debug function (Scalable Debug Interface or SDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com