Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 48Page - Renesas Technology Corp 32182 Datasheet HTML 49Page - Renesas Technology Corp 32182 Datasheet HTML 50Page - Renesas Technology Corp 32182 Datasheet HTML 51Page - Renesas Technology Corp 32182 Datasheet HTML 52Page - Renesas Technology Corp 32182 Datasheet HTML 53Page - Renesas Technology Corp 32182 Datasheet HTML 54Page - Renesas Technology Corp 32182 Datasheet HTML 55Page - Renesas Technology Corp 32182 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 755 page
background image
2
2-7
32182 Group User’s Manual (Rev.1.0)
CPU
2.4 Accumulator
2.4 Accumulator
The Accumulator (ACC) is a 56-bit register used for DSP function instructions.
The accumulator is handled as a 64-bit register when accessed for read or write. When reading data from the
accumulator, the value of bit 8 is sign-extended. When writing data to the accumulator, bits 0 to 7 are ignored. The
accumulator is also used for the multiply instruction “MUL,” in which case the accumulator value is destroyed by
instruction execution.
Use the MVTACHI and MVTACLO instructions for writing to the accumulator. The MVTACHI and MVTACLO
instructions write data to the high-order 32 bits (bits 0–31) and the low-order 32 bits (bits 32–63), respectively.
Use the MVFACHI, MVFACLO and MVFACMI instructions for reading data from the accumulator. The MVFACHI,
MVFACLO and MVFACMI instructions read data from the high-order 32 bits (bits 0–31), the low-order 32 bits (bits
32–63) and the middle 32 bits (bits 16–47), respectively.
After reset, the value of accumulator is undefined.
15
b0
16
7 8
31 32
47 48
b63
ACC
(Note 1)
Read range of MVFACMI instruction
Write and read ranges of MVTACLO
and MVFACLO instructions
Write and read ranges of MVTACHI
and MVFACHI instructions
Note 1: When read, bits 0 to 7 always show the sign-extended value of the value of bit 8. Writing to this
bit field is ignored.
2.5 Program Counter
The Program Counter (PC) is a 32-bit counter that retains the address of the instruction being executed. Since the
M32R FPU instruction starts with even-numbered addresses, the LSB (bit 31) is always "0".
After reset, the value of PC is H’0000 0000.
b0
b31
0
PC
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com