Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 26Page - Renesas Technology Corp 32182 Datasheet HTML 27Page - Renesas Technology Corp 32182 Datasheet HTML 28Page - Renesas Technology Corp 32182 Datasheet HTML 29Page - Renesas Technology Corp 32182 Datasheet HTML 30Page - Renesas Technology Corp 32182 Datasheet HTML 31Page - Renesas Technology Corp 32182 Datasheet HTML 32Page - Renesas Technology Corp 32182 Datasheet HTML 33Page - Renesas Technology Corp 32182 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 755 page
background image
1
1-3
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.1 Outline of the 32182 Group
1.1.2 Built-in Multiplier/Accumulator
(1) Built-in high-speed multiplier
• The M32R-FPU contains a 32 bits × 16 bits high-speed multiplier which enables the M32R-FPU to
execute a 32 bits × 32 bits integral multiplication instruction in three CPUCLK periods.
(2) DSP-comparable sum-of-products instructions
• The M32R-FPU supports the following four types of sum-of-products calculation instructions (or multipli-
cation instructions) which each can be executed in one CPUCLK period using a 56-bit accumulator.
(1) 16 high-order bits of register × 16 high-order bits of register
(2) 16 low-order bits of register × 16 low-order bits of register
(3) Whole 32 bits of register × 16 high-order bits of register
(4) Whole 32 bits of register × 16 low-order bits of register
• The M32R-FPU has some special instructions to round the value stored in the accumulator to 16 or
32 bits or shift the accumulator value before storing in a register to have its digits adjusted. Because
these instructions are also executed in one CPUCLK period, when used in combination with high-
speed data transfer instructions such as Load & Address Update or Store & Address Update, they
enable the M32R-FPU to exhibit data processing capability comparable to that of a DSP.
1.1.3 Built-in Single-precision FPU
• The M32R-FPU supports single-precision floating-point arithmetic fully compliant with IEEE 754 stan-
dards. Specifically, five exceptions specified in IEEE 754 standards (Inexact, Underflow, Division by
Zero, Overflow and Invalid Operation) and four rounding modes (round to nearest, round toward 0,
round toward + Infinity and round toward – Infinity) are supported. What’s more, because general-
purpose registers are used to perform floating-point arithmetic, the overhead associated with trans-
ferring the operand data can be reduced.
1.1.4 Built-in Flash Memory and RAM
• The 32182 contains a RAM that can be accessed with zero wait state, allowing to design a high-speed
embedded system.
• The internal flash memory can be written to while mounted on a printed circuit board (on-board writ-
ing). Use of flash memory facilitates development work, because the chip used at the development
stage can be used directly in mass-production, allowing for a smooth transition from prototype to
mass-production without the need to change the printed circuit board.
• The internal flash memory can be rewritten as many as 100 times.
• The internal flash memory has a virtual flash emulation function, allowing the internal RAM to be
superficially mapped into part of the internal flash memory. When combined with the internal Real-
Time Debugger (RTD) and the M32R family’s common debug interface (Scalable Debug Interface or
SDI), this function makes the ROM table data tuning easy.
• The internal RAM can be accessed for reading or rewriting data from an external device indepen-
dently of the M32R-FPU by using the Real-Time Debugger. The external device is communicated
using the Real-Time Debugger’s exclusive clock-synchronized serial I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com