Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 60Page - Renesas Technology Corp 32182 Datasheet HTML 61Page - Renesas Technology Corp 32182 Datasheet HTML 62Page - Renesas Technology Corp 32182 Datasheet HTML 63Page - Renesas Technology Corp 32182 Datasheet HTML 64Page - Renesas Technology Corp 32182 Datasheet HTML 65Page - Renesas Technology Corp 32182 Datasheet HTML 66Page - Renesas Technology Corp 32182 Datasheet HTML 67Page - Renesas Technology Corp 32182 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 755 page
background image
3
3-5
ADDRESS SPACE
32182 Group User’s Manual (Rev.1.0)
3.2 Operation Modes
The microcomputer is placed in one of the following modes depending on how CPU operation mode is set by
MOD0 and MOD1 pins. The operation mode used for rewriting the internal flash memory is described separately
in Section 6.5, “Programming the Internal Flash Memory.”
Table 3.2.1 Operation Mode Settings
MOD0
MOD1 (Note 1)
Operation mode (Note 2)
VSS
VSS
Single-chip mode
VSS
VCCE
External extension mode
VCCE
VSS
Processor mode (FP = VSS)
VCCE
VCCE
Reserved (use inhibited)
Note 1: Connect VCCE and VSS to the VCCE input power supply and ground, respectively.
Note 2: For the operation mode used to rewrite the internal flash memory (FP = VCCE) which is not shown in the above
table, see Section 6.5, “Programming the Internal Flash Memory.”
The internal ROM and extended external areas are located differently depending on how operation mode is set.
(All other areas in the address space are located the same way.) The diagram below shows how the internal ROM
and extended external areas are mapped into the address space in each operation mode. (For flash rewrite mode,
see Section 6.5, “Programming the Internal Flash Memory.”)
3.2 Operation Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com