Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 79Page - Renesas Technology Corp 32182 Datasheet HTML 80Page - Renesas Technology Corp 32182 Datasheet HTML 81Page - Renesas Technology Corp 32182 Datasheet HTML 82Page - Renesas Technology Corp 32182 Datasheet HTML 83Page - Renesas Technology Corp 32182 Datasheet HTML 84Page - Renesas Technology Corp 32182 Datasheet HTML 85Page - Renesas Technology Corp 32182 Datasheet HTML 86Page - Renesas Technology Corp 32182 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 755 page
background image
3
3-24
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (13/21)
Address
+0 address
+1address
See
b0
b7 b8
b15
pages
H'0080 1044
CAN0 Single-Shot Interrupt Request Status Register
13-33
(CAN0SSIST)
H'0080 1046
(Use inhibited area)
H'0080 1048
CAN0 Single-Shot Interrupt Request Enable Register
13-34
(CAN0SSIEN)
H'0080 1050
CAN0 Message Slot 0 Control Register
CAN0 Message Slot 1 Control Register
13-53
(C0MSL0CNT)
(C0MSL1CNT)
H'0080 1052
CAN0 Message Slot 2 Control Register
CAN0 Message Slot 3 Control Register
13-53
(C0MSL2CNT)
(C0MSL3CNT)
H'0080 1054
CAN0 Message Slot 4 Control Register
CAN0 Message Slot 5 Control Register
13-53
(C0MSL4CNT)
(C0MSL5CNT)
H'0080 1056
CAN0 Message Slot 6 Control Register
CAN0 Message Slot 7 Control Register
13-53
(C0MSL6CNT)
(C0MSL7CNT)
H'0080 1058
CAN0 Message Slot 8 Control Register
CAN0 Message Slot 9 Control Register
13-53
(C0MSL8CNT)
(C0MSL9CNT)
H'0080 105A
CAN0 Message Slot 10 Control Register
CAN0 Message Slot 11 Control Register
13-53
(C0MSL10CNT)
(C0MSL11CNT)
H'0080 105C
CAN0 Message Slot 12 Control Register
CAN0 Message Slot 13 Control Register
13-53
(C0MSL12CNT)
(C0MSL13CNT)
H'0080 105E
CAN0 Message Slot 14 Control Register
CAN0 Message Slot 15 Control Register
13-53
(C0MSL14CNT)
(C0MSL15CNT)
(Use inhibited area)
H'0080 1100
CAN0 Message Slot 0 Standard ID 0
CAN0 Message Slot 0 Standard ID 1
13-57
(C0MSL0SID0)
(C0MSL0SID1)
13-58
H'0080 1102
CAN0 Message Slot 0 Extended ID 0
CAN0 Message Slot 0 Extended ID 1
13-59
(C0MSL0EID0)
(C0MSL0EID1)
13-60
H'0080 1104
CAN0 Message Slot 0 Extended ID 2
CAN0 Message Slot 0 Data Length Register
13-61
(C0MSL0EID2)
(C0MSL0DLC)
13-62
H'0080 1106
CAN0 Message Slot 0 Data 0
CAN0 Message Slot 0 Data 1
13-63
(C0MSL0DT0)
(C0MSL0DT1)
13-64
H'0080 1108
CAN0 Message Slot 0 Data 2
CAN0 Message Slot 0 Data 3
13-65
(C0MSL0DT2)
(C0MSL0DT3)
13-66
H'0080 110A
CAN0 Message Slot 0 Data 4
CAN0 Message Slot 0 Data 5
13-67
(C0MSL0DT4)
(C0MSL0DT5)
13-68
H'0080 110C
CAN0 Message Slot 0 Data 6
CAN0 Message Slot 0 Data 7
13-69
(C0MSL0DT6)
(C0MSL0DT7)
13-70
H'0080 110E
CAN0 Message Slot 0 Timestamp
13-71
(C0MSL0TSP)
H'0080 1110
CAN0 Message Slot 1 Standard ID 0
CAN0 Message Slot 1 Standard ID 1
13-57
(C0MSL1SID0)
(C0MSL1SID1)
13-58
H'0080 1112
CAN0 Message Slot 1 Extended ID 0
CAN0 Message Slot 1 Extended ID 1
13-59
(C0MSL1EID0)
(C0MSL1EID1)
13-60
H'0080 1114
CAN0 Message Slot 1 Extended ID 2
CAN0 Message Slot 1 Data Length Register
13-61
(C0MSL1EID2)
(C0MSL1DLC)
13-62
H'0080 1116
CAN0 Message Slot 1 Data 0
CAN0 Message Slot 1 Data 1
13-63
(C0MSL1DT0)
(C0MSL1DT1)
13-64
H'0080 1118
CAN0 Message Slot 1 Data 2
CAN0 Message Slot 1 Data 3
13-65
(C0MSL1DT2)
(C0MSL1DT3)
13-66
H'0080 111A
CAN0 Message Slot 1 Data 4
CAN0 Message Slot 1 Data 5
13-67
(C0MSL1DT4)
(C0MSL1DT5)
13-68
H'0080 111C
CAN0 Message Slot 1 Data 6
CAN0 Message Slot 1 Data 7
13-69
(C0MSL1DT6)
(C0MSL1DT7)
13-70
H'0080 111E
CAN0 Message Slot 1 Timestamp
13-71
(C0MSL1TSP)
H'0080 1120
CAN0 Message Slot 2 Standard ID 0
CAN0 Message Slot 2 Standard ID 1
13-57
(C0MSL2SID0)
(C0MSL2SID1)
13-58
H'0080 1122
CAN0 Message Slot 2 Extended ID 0
CAN0 Message Slot 2 Extended ID 1
13-59
(C0MSL2EID0)
(C0MSL2EID1)
13-60
H'0080 1124
CAN0 Message Slot 2 Extended ID 2
CAN0 Message Slot 2 Data Length Register
13-61
(C0MSL2EID2)
(C0MSL2DLC)
13-62
H'0080 1126
CAN0 Message Slot 2 Data 0
CAN0 Message Slot 2 Data 1
13-63
(C0MSL2DT0)
(C0MSL2DT1)
13-64
H'0080 1128
CAN0 Message Slot 2 Data 2
CAN0 Message Slot 2 Data 3
13-65
(C0MSL2DT2)
(C0MSL2DT3)
13-66
H'0080 112A
CAN0 Message Slot 2 Data 4
CAN0 Message Slot 2 Data 5
13-67
(C0MSL2DT4)
(C0MSL2DT5)
13-68
H'0080 112C
CAN0 Message Slot 2 Data 6
CAN0 Message Slot 2 Data 7
13-69
(C0MSL2DT6)
(C0MSL2DT7)
13-70
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com