Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp 32182 Datasheet HTML 43Page - Renesas Technology Corp 32182 Datasheet HTML 44Page - Renesas Technology Corp 32182 Datasheet HTML 45Page - Renesas Technology Corp 32182 Datasheet HTML 46Page - Renesas Technology Corp 32182 Datasheet HTML 47Page - Renesas Technology Corp 32182 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 755 page
background image
1
1-17
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.4 Pin Assignments
Table 1.4.1 Pin Assignments of the 32182 (3/4)
Port
Other than
port
Other than
port
101
VCCE
-
VCCE
-
-
102
VSS
-
VSS
-
-
103
P87/SCLKI1/SCLKO1
P87
SCLKI1
SCLKO1
Input/output
104
P86/RXD1
P86
RXD1
-
Input/output
105
P85/TXD1
P85
TXD1
-
Input/output
106
P84/SCLKI0/SCLKO0
P84
SCLKI0
SCLKO0
Input/output
107
P83/RXD0
P83
RXD0
-
Input/output
-
Input/output
100
P44/CS0#
P44
CS0#
-
Input/output
98
P224/A11/CS2#
99
P45/CS1#
P45
CS1#
P224
A11
-
Input/output
CS3#
Input/output
CS2#
Input/output
97
P225/A12/CS3#
P225
A12
96
P46/A13
P46
A13
-
Input/output
94
P30/A15
95
P47/A14
P47
A14
P30
A15
-
Input/output
-
Input/output
-
Input/output
93
P31/A16
P31
A16
92
P32/A17
P32
A17
P33
A18
Function
Type
Pin
No.
Symbol
91
P33/A18
-
Input/output
Function
Type
State during
reset
State at reset
release
During single-chip and
external extension modes
P33
Input
Hi-z
Hi-z
During processor mode
A18
Output
Hi-z
Undefined
During single-chip and
external extension modes
P32
Input
Hi-z
Hi-z
During processor mode
A17
Output
Hi-z
Undefined
During single-chip and
external extension modes
P31
Input
Hi-z
Hi-z
During processor mode
A16
Output
Hi-z
Undefined
During single-chip and
external extension modes
P30
Input
Hi-z
Hi-z
During processor mode
A15
Output
Hi-z
Undefined
During single-chip and
external extension modes
P47
Input
Hi-z
Hi-z
During processor mode
A14
Output
Hi-z
Undefined
During single-chip and
external extension modes
P46
Input
Hi-z
Hi-z
During processor mode
A13
Output
Hi-z
Undefined
During single-chip and
external extension modes
P225
Input
Hi-z
Hi-z
During processor mode
A12
Output
Hi-z
Undefined
During single-chip and
external extension modes
P224
Input
Hi-z
Hi-z
During processor mode
A11
Output
Hi-z
Undefined
During single-chip and
external extension modes
P45
Input
Hi-z
Hi-z
During processor mode
CS1#
Output
Hi-z
High level
During single-chip and
external extension modes
P44
Input
Hi-z
Hi-z
During processor mode
CS0#
Output
Hi-z
High level
VCCE
---
VSS
---
P87
Input
Hi-z
Hi-z
P86
Input
Hi-z
Hi-z
P85
Input
Hi-z
Hi-z
P84
Input
Hi-z
Hi-z
P83
Input
Hi-z
Hi-z
Condition
Pin State When Reset
108
P82/TXD0
P82
TXD0
-
Input/output
109
P174/TXD2
P174
TXD2
-
Input/output
110
P175/RXD2
P175
RXD2
-
Input/output
111
FP
-
FP
-
Input
112
MOD0
-
MOD0
-
Input
113
MOD1
-
MOD1
-
Input
114
EXCVDD
-
EXCVDD
-
-
115
VSS
-
VSS
-
-
116
EXCVCC
-
EXCVCC
-
-
117
VDDE
-
VDDE
-
-
118
VSS
-
VSS
-
-
119
VCCE
-
VCCE
-
-
-
Input/output
123
P14/DB12
P14
DB12
-
Input/output
121
P16/DB14
122
P15/DB13
P15
DB13
P16
DB14
-
Input/output
-
Input/output
120
P17/DB15
P17
DB15
P82
Input
Hi-z
Hi-z
P174
Input
Hi-z
Hi-z
P175
Input
Hi-z
Hi-z
FP
Input
Hi-z
Hi-z
MOD0
Input
Hi-z
Hi-z
MOD1
Input
Hi-z
Hi-z
EXCVDD
-
-
-
VSS
---
EXCVCC
-
-
-
VDDE
---
VSS
---
VCCE
---
During single-chip and
external extension modes
P17
Input
Hi-z
Hi-z
During processor mode
DB15
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P16
Input
Hi-z
Hi-z
During processor mode
DB14
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P15
Input
Hi-z
Hi-z
During processor mode
DB13
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P14
Input
Hi-z
Hi-z
During processor mode
DB12
Input/output
Hi-z
Hi-z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com