Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 93Page - Renesas Technology Corp 32182 Datasheet HTML 94Page - Renesas Technology Corp 32182 Datasheet HTML 95Page - Renesas Technology Corp 32182 Datasheet HTML 96Page - Renesas Technology Corp 32182 Datasheet HTML 97Page - Renesas Technology Corp 32182 Datasheet HTML 98Page - Renesas Technology Corp 32182 Datasheet HTML 99Page - Renesas Technology Corp 32182 Datasheet HTML 100Page - Renesas Technology Corp 32182 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 755 page
background image
4
4-2
EIT
32182 Group User’s Manual (Rev.1.0)
4.1 Outline of EIT
If some event occurs when the CPU is executing an ordinary program, it may become necessary to suspend the
program being executed and execute another program. Events like this one are referred to by a generic name as
EIT (Exception, Interrupt and Trap).
(1) Exception
This is an event related to the context being executed. It is generated by an error or violation during instruction
execution. This type of event includes Address Exception (AE), Reserved Instruction Exception (RIE) and Floating-
Point Exception (FPE).
(2) Interrupt
This is an event generated irrespective of the context being executed. It is generated by a hardware-derived signal
from an external source, as well as by the internal peripheral I/O. This type of event includes Reset Interrupt (RI),
System Break Interrupt (SBI) and External Interrupt (EI).
(3) Trap
This refers to a software interrupt generated by executing a TRAP instruction. This type of event is intentionally
generated in a program as in the OS’s system call by the programmer.
4.1 Outline of EIT
Figure 4.1.1 Classification of EITs
EIT
Exception (Exception)
Reserved Instruction Exception (RIE)
Address Exception (AE)
Floating-Point Exception (FPE)
Reset Interrupt (RI)
System Break Interrupt (SBI)
External Interrupt (EI)
Trap (TRAP)
Interrupt (Interrupt)
Trap (Trap)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com