Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 69Page - Renesas Technology Corp 32182 Datasheet HTML 70Page - Renesas Technology Corp 32182 Datasheet HTML 71Page - Renesas Technology Corp 32182 Datasheet HTML 72Page - Renesas Technology Corp 32182 Datasheet HTML 73Page - Renesas Technology Corp 32182 Datasheet HTML 74Page - Renesas Technology Corp 32182 Datasheet HTML 75Page - Renesas Technology Corp 32182 Datasheet HTML 76Page - Renesas Technology Corp 32182 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 755 page
background image
3
3-14
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (3/21)
Address
+0 address
+1 address
See
b0
b7 b8
b15
Pages
H'0080 0136
SIO2 Receive Control Register
SIO2 Baud Rate Register
12-19
(S2RCNT)
(S2BAUR)
12-22
(Use inhibited area)
H'0080 0140
SIO3 Transmit Control Register
SIO3 Transmit/Receive Mode Register
12-13
(S3TCNT)
(S3MOD)
12-14
H'0080 0142
SIO3 Transmit Buffer Register
12-17
(S3TXB)
H'0080 0144
SIO3 Receive Buffer Register
12-18
(S3RXB)
H'0080 0146
SIO3 Receive Control Register
SIO3 Baud Rate Register
12-19
(S3RCNT)
(S3BAUR)
12-22
(Use inhibited area)
H'0080 0180
CS0 Area Wait Control Register
CS1 Area Wait Control Register
16-4
(CS0WTCR)
(CS1WTCR)
H'0080 0182
CS2 Area Wait Control Register
CS3 Area Wait Control Register
16-4
(CS2WTCR)
(CS3WTCR)
(Use inhibited area)
H'0080 01E0
Flash Mode Register
Flash Status Register 1
6-5
(FMOD)
(FSTAT1)
6-6
H'0080 01E2
Flash Control Register 1
Flash Control Register 2
6-8
(FCNT1)
(FCNT2)
6-9
H'0080 01E4
Flash Control Register 3
Flash Control Register 4
6-10
(FCNT3)
(FCNT4)
H'0080 01E6
(Use inhibited area)
H'0080 01E8
Virtual Flash S Bank Register 0
6-12
(FESBANK0)
H'0080 01EA
Virtual Flash S Bank Register 1
6-12
(FESBANK1)
H'0080 01EC
Virtual Flash S Bank Register 2
6-12
(FESBANK2)
H'0080 01EE
Virtual Flash S Bank Register 3
6-12
(FESBANK3)
H'0080 01F0
Virtual Flash S Bank Register 4
6-12
(FESBANK4)
H'0080 01F2
Virtual Flash S Bank Register 5
6-12
(FESBANK5)
H'0080 01F4
Virtual Flash S Bank Register 6
6-12
(FESBANK6)
H'0080 01F6
Virtual Flash S Bank Register 7
6-12
(FESBANK7)
(Use inhibited area)
H'0080 0200
(Use inhibited area)
Clock Bus & Input Event Bus Control Register
10-14
(CKIEBCR)
H'0080 0202
Prescaler Register 0
Prescaler Register 1
10-10
(PRS0)
(PRS1)
H'0080 0204
Prescaler Register 2
Output Event Bus Control Register
10-10
(PRS2)
(OEBCR)
10-15
(Use inhibited area)
H'0080 0210
TCLK Input Processing Control Register
10-18
(TCLKCR)
H'0080 0212
TIN0–4 Input Processing Control Register
10-19
(TIN04CR)
(Use inhibited area)
H'0080 0218
TIN12–19 Input Processing Control Register
10-20
(TIN1219CR)
H'0080 021A
TIN20–23, TIN30–33 Input Processing Control Register
10-20
(TIN2023_3033CR)
(Use inhibited area)
H'0080 0220
F/F6–15 Source Select Register
10-22
(FF615S)
H'0080 0222
(Use inhibited area)
F/F16–19 Source Select Register
10-23
(FF1619S)
|
|
|
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com