Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 55Page - Renesas Technology Corp 32182 Datasheet HTML 56Page - Renesas Technology Corp 32182 Datasheet HTML 57Page - Renesas Technology Corp 32182 Datasheet HTML 58Page - Renesas Technology Corp 32182 Datasheet HTML 59Page - Renesas Technology Corp 32182 Datasheet HTML 60Page - Renesas Technology Corp 32182 Datasheet HTML 61Page - Renesas Technology Corp 32182 Datasheet HTML 62Page - Renesas Technology Corp 32182 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 755 page
background image
2
2-14
32182 Group User’s Manual (Rev.1.0)
CPU
2.7 Supplementary Explanation for BSET, BCLR, LOCK and UNLOCK
Instruction Execution
The LOCK bit is set when executing the BSET or BCLR instruction, and is cleared when the BSET or BCLR
instruction finishes.
The LOCK instruction sets the LOCK bit, as well as performs an ordinary load operation. The UNLOCK instruction
is used to clear the LOCK bit.
The LOCK bit is located inside the CPU, and cannot directly be accessed for read or write by users. This bit
controls granting of bus control requested by devices other than the CPU.
• When LOCK bit = "0"
Control of the bus requested by devices other than the CPU is granted
• When LOCK bit = "1"
Control of the bus requested by devices other than the CPU is denied
In the 32182 group, control of the bus may be requested by devices other than the CPU in the following two cases:
• When DMA transfer is requested by the internal DMAC
• When HREQ# input is pulled low to request that the CPU be placed in a hold state
2.7 Supplementary Explanation for BSET, BCLR, LOCK and UNLOCK Instruction Execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com