Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 37Page - Renesas Technology Corp 32182 Datasheet HTML 38Page - Renesas Technology Corp 32182 Datasheet HTML 39Page - Renesas Technology Corp 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp 32182 Datasheet HTML 43Page - Renesas Technology Corp 32182 Datasheet HTML 44Page - Renesas Technology Corp 32182 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 755 page
background image
1-14
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.4 Pin Assignments
1.4 Pin Assignments
Figure 1.4.1 shows the 32182’s pin assignment diagram. A pin assignment table is shown in Table 1.4.1.
Figure 1.4.1 Pin Assignment Diagram (Top View)
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
P97/TO20
P117/TO7
P116/TO6
P115/TO5
P114/TO4
P113/TO3
P112/TO2
P111/TO1
P110/TO0
P127/TCLK3
P126/TCLK2
P125/TCLK1
P124/TCLK0
EXCVCC
VCCE
VSS
VSS
SBI#
P63
P62
P61
AD0IN11
AD0IN10
AD0IN9
AD0IN8
AVSS0
AD0IN7
AD0IN6
AD0IN5
AD0IN4
AD0IN3
AD0IN2
AD0IN1
AD0IN0
VREF0
AVCC0
P174/TXD2
P175/RXD2
FP
MOD0
MOD1
EXCVDD
VSS
EXCVCC
VDDE
VSS
VCCE
P17/DB15
P16/DB14
P15/DB13
P14/DB12
P13/DB11
P12/DB10
P11/DB9
P10/DB8
P07/DB7
P06/DB6
P05/DB5
P04/DB4
P03/DB3
P02/DB2
P01/DB1
P00/DB0
P73/HACK#
P72/HREQ#
P71/WAIT#
P70/BCLK/WR#
P43/RD#
P42/BHW#/BHE#
P41/BLW#/BLE#
VCC-BUS
VSS
Package: 144P6Q-A (0.5 mm pitch)
Note: • The symbol "#" suffixed to the pin (or signal) names means that the pins (or signals) are active-low.
32182 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com