Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 83Page - Renesas Technology Corp 32182 Datasheet HTML 84Page - Renesas Technology Corp 32182 Datasheet HTML 85Page - Renesas Technology Corp 32182 Datasheet HTML 86Page - Renesas Technology Corp 32182 Datasheet HTML 87Page - Renesas Technology Corp 32182 Datasheet HTML 88Page - Renesas Technology Corp 32182 Datasheet HTML 89Page - Renesas Technology Corp 32182 Datasheet HTML 90Page - Renesas Technology Corp 32182 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 755 page
background image
3
3-28
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (17/21)
Address
+0 address
+1 address
See
b0
b7 b8
b15
pages
H'0080 11FE
CAN0 Message Slot 15 Timestamp
13-71
(C0MSL15TSP)
(Use inhibited area)
H'0080 1400
CAN1 Control Register
13-15
(CAN1CNT)
H'0080 1402
CAN1 Status Register
13-18
(CAN1STAT)
H'0080 1404
CAN1 Frame Format Select Register
13-21
(CAN1FFS)
H'0080 1406
CAN1 Configuration Register
13-22
(CAN1CONF)
H'0080 1408
CAN1 Timestamp Count Register
13-24
(CAN1TSTMP)
H'0080 140A
CAN1 Receive Error Count Register
CAN1 Transmit Error Count Register
13-25
(CAN1REC)
(CAN1TEC)
H'0080 140C
CAN1 Slot Interrupt Request Status Register
13-29
(CAN1SLIST)
H'0080 140E
(Use inhibited area)
H'0080 1410
CAN1 Slot Interrupt Request Enable Register
13-30
(CAN1SLIEN)
H'0080 1412
(Use inhibited area)
H'0080 1414
CAN1 Error Interrupt Request Status Register
CAN1 Error Interrupt Request Enable Register
13-31
(CAN1ERIST)
(CAN1ERIEN)
13-32
H'0080 1416
CAN1 Baud Rate Prescaler
CAN1 Cause of Error Register
13-26
(CAN1BRP)
(CAN1EF)
13-45
H'0080 1418
CAN1 Mode Register
(Use inhibited area)
13-46
(CAN1MOD)
(Use inhibited area)
H'0080 1428
CAN1 Global Mask Register Standard ID 0
CAN1 Global Mask Register Standard ID 1
13-48
(C1GMSKS0)
(C1GMSKS1)
H'0080 142A
CAN1 Global Mask Register Extended ID 0
CAN1 Global Mask Register Extended ID 1
13-49
(C1GMSKE0)
(C1GMSKE1)
H'0080 142C
CAN1 Global Mask Register Extended ID 2
(Use inhibited area)
13-50
(C1GMSKE2)
H'0080 142E
(Use inhibited area)
H'0080 1430
CAN1 Local Mask Register A Standard ID 0
CAN1 Local Mask Register A Standard ID 1
13-48
(C1LMSKAS0)
(C1LMSKAS1)
H'0080 1432
CAN1 Local Mask Register A Extended ID 0
CAN1 Local Mask Register A Extended ID 1
13-49
(C1LMSKAE0)
(C1LMSKAE1)
H'0080 1434
CAN1 Local Mask Register A Extended ID 2
(Use inhibited area)
13-50
(C1LMSKAE2)
H'0080 1436
(Use inhibited area)
H'0080 1438
CAN1 Local Mask Register B Standard ID 0
CAN1 Local Mask Register B Standard ID 1
13-48
(C1LMSKBS0)
(C1LMSKBS1)
H'0080 143A
CAN1 Local Mask Register B Extended ID 0
CAN1 Local Mask Register B Extended ID 1
13-49
(C1LMSKBE0)
(C1LMSKBE1)
H'0080 143C
CAN1 Local Mask Register B Extended ID 2
(Use inhibited area)
13-50
(C1LMSKBE2)
H'0080 143E
(Use inhibited area)
H'0080 1440
CAN1 Single-Shot Mode Control Register
13-52
(CAN1SSMODE)
H'0080 1442
(Use inhibited area)
H'0080 1444
CAN1 Single-Shot Interrupt Request Status Register
13-33
(CAN1SSIST)
H'0080 1446
(Use inhibited area)
H'0080 1448
CAN1 Single-Shot Interrupt Request Enable Register
13-34
(CAN1SSIEN)
(Use inhibited area)
H'0080 1450
CAN1 Message Slot 0 Control Register
CAN1 Message Slot 1 Control Register
13-53
(C1MSL0CNT)
(C1MSL1CNT)
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com