Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 57Page - Renesas Technology Corp 32182 Datasheet HTML 58Page - Renesas Technology Corp 32182 Datasheet HTML 59Page - Renesas Technology Corp 32182 Datasheet HTML 60Page - Renesas Technology Corp 32182 Datasheet HTML 61Page - Renesas Technology Corp 32182 Datasheet HTML 62Page - Renesas Technology Corp 32182 Datasheet HTML 63Page - Renesas Technology Corp 32182 Datasheet HTML 64Page - Renesas Technology Corp 32182 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 755 page
background image
3
3-2
ADDRESS SPACE
3.1 Outline of the Address Space
32182 Group User’s Manual (Rev.1.0)
3.1 Outline of the Address Space
The logical addresses of the M32R are always handled in 32 bits, providing a linear address space of up to 4
Gbytes. The address space of the M32R/ECU consists of the following:
(1) User space
• Internal ROM area
• Extended external area
• Internal RAM area
• SFR (Special Function Register) area
(2) System space (not open to the user)
(1) User space
The 2 Gbytes from the address H’0000 0000 to the address H’7FFF FFFF comprise the user space.
Located in this space are the internal ROM area, an extended external area, the internal RAM area and the
SFR (Special Function Register) area (in which a set of internal peripheral I/O registers exist). Of these, the
internal ROM and extended external areas are located differently depending on mode settings as will be
described later.
(2) System space
The 2 Gbytes from the address H’8000 0000 to the address H’FFFF FFFF comprise the system space.
This space is reserved for use by development tools such as an in-circuit emulator and debug monitor, and
cannot be used by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com