Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 73Page - Renesas Technology Corp 32182 Datasheet HTML 74Page - Renesas Technology Corp 32182 Datasheet HTML 75Page - Renesas Technology Corp 32182 Datasheet HTML 76Page - Renesas Technology Corp 32182 Datasheet HTML 77Page - Renesas Technology Corp 32182 Datasheet HTML 78Page - Renesas Technology Corp 32182 Datasheet HTML 79Page - Renesas Technology Corp 32182 Datasheet HTML 80Page - Renesas Technology Corp 32182 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 755 page
background image
3
3-18
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32182 Group User’s Manual (Rev.1.0)
SFR Area Register Map (7/21)
Address
+0 address
+1 address
See
b0
b7 b8
b15
pages
H'0080 0348
(Use inhibited area)
H'0080 034A
TIO4 Control Register
TIO5 Control Register
10-83
(TIO4CR)
(TIO5CR)
10-85
(Use inhibited area)
H'0080 0350
TIO5 Counter
10-88
(TIO5CT)
H'0080 0352
(Use inhibited area)
H'0080 0354
TIO5 Reload 1 Register
10-90
(TIO5RL1)
H'0080 0356
TIO5 Reload 0/ Measure Register
10-89
(TIO5RL0)
(Use inhibited area)
H'0080 0360
TIO6 Counter
10-88
(TIO6CT)
H'0080 0362
(Use inhibited area)
H'0080 0364
TIO6 Reload 1 Register
10-90
(TIO6RL1)
H'0080 0366
TIO6 Reload 0/ Measure Register
10-89
(TIO6RL0)
H'0080 0368
(Use inhibited area)
H'0080 036A
TIO6 Control Register
TIO7 Control Register
10-86
(TIO6CR)
(TIO7CR)
10-87
(Use inhibited area)
H'0080 0370
TIO7 Counter
10-88
(TIO7CT)
H'0080 0372
(Use inhibited area)
H'0080 0374
TIO7 Reload 1 Register
10-90
(TIO7RL1)
H'0080 0376
TIO7 Reload 0/ Measure Register
10-89
(TIO7RL0)
(Use inhibited area)
H'0080 0380
TIO8 Counter
10-88
(TIO8CT)
H'0080 0382
(Use inhibited area)
H'0080 0384
TIO8 Reload 1 Register
10-90
(TIO8RL1)
H'0080 0386
TIO8 Reload 0/ Measure Register
10-89
(TIO8RL0)
H'0080 0388
(Use inhibited area)
H'0080 038A
TIO8 Control Register
TIO9 Control Register
10-87
(TIO8CR)
(TIO9CR)
10-88
(Use inhibited area)
H'0080 0390
TIO9 Counter
10-88
(TIO9CT)
H'0080 0392
(Use inhibited area)
H'0080 0394
TIO9 Reload 1 Register
10-90
(TIO9RL1)
H'0080 0396
TIO9 Reload 0/ Measure Register
10-89
(TIO9RL0)
(Use inhibited area)
H'0080 03BC
TIO Enable Protect Register
10-91
(TIOPRO)
H'0080 03BE
TIO Count Enable Register
10-92
(TIOCEN)
H'0080 03C0
TMS0 Counter
10-109
(TMS0CT)
|
|
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com