Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 25Page - Renesas Technology Corp 32182 Datasheet HTML 26Page - Renesas Technology Corp 32182 Datasheet HTML 27Page - Renesas Technology Corp 32182 Datasheet HTML 28Page - Renesas Technology Corp 32182 Datasheet HTML 29Page - Renesas Technology Corp 32182 Datasheet HTML 30Page - Renesas Technology Corp 32182 Datasheet HTML 31Page - Renesas Technology Corp 32182 Datasheet HTML 32Page - Renesas Technology Corp 32182 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 755 page
background image
1-2
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.1 Outline of the 32182 Group
The 32182 group (hereafter simply the 32182) belongs to the M32R/ECU series in the M32R family of
Renesas microcomputers. For details about the current development status of the 32182, please contact your
nearest office of Renesas or its distributor.
Table 1.1.1 Product List
Type Name
ROM Size
RAM Size
Package Type
Operating Ambient Temperature
M32182F3VFP
384 Kbytes
64 Kbytes
144-pin LQFP: 144P6Q-A (0.5 mm pitch)
–40°C to 125°C (@64 MHz)
M32182F3UFP
384 Kbytes
64 Kbytes
144-pin LQFP: 144P6Q-A (0.5 mm pitch)
–40°C to 105°C (@80 MHz)
M32182F3TFP
384 Kbytes
64 Kbytes
144-pin LQFP: 144P6Q-A (0.5 mm pitch)
–40°C to 85°C (@80 MHz)
M32182F8VFP
1 Mbyte
64 Kbytes
144-pin LQFP: 144P6Q-A (0.5 mm pitch)
–40°C to 125°C (@64 MHz)
M32182F8UFP
1 Mbyte
64 Kbytes
144-pin LQFP: 144P6Q-A (0.5 mm pitch)
–40°C to 105°C (@80 MHz)
M32182F8TFP
1 Mbyte
64 Kbytes
144-pin LQFP: 144P6Q-A (0.5 mm pitch)
–40°C to 85°C (@80 MHz)
1.1.1 M32R Family CPU Core with Built-in FPU (M32R-FPU)
(1) Based on a RISC architecture
• The 32182 is a group of 32-bit RISC single-chip microcomputers. The M32R-FPU in this group of
microcomputers incorporates a fully IEEE 754-compliant, single-precision FPU in order to materialize
the common instruction set and the high-precision arithmetic operation of the M32R CPU. The 32182
products listed in the above table are built around the M32R-FPU and incorporates flash memory,
RAM and various peripheral functions, all integrated into a single chip.
• The M32R-FPU is constructed based on a RISC architecture. Memory is accessed using load/store
instructions, and various arithmetic/logic operations are executed using register-to-register operation
instructions.
• The internally has sixteen 32-bit general-purpose registers. The instruction set consists of 100 dis-
crete instructions in total (83 instructions common to the M32R family plus 17 FPU and extended
instructions). These instructions are either 16 bits or 32 bits long.
• In addition to the ordinary load/store instructions, the M32R-FPU supports compound instructions
such as Load & Address Update and Store & Address Update. These instructions help to speed up
data transfers.
(2) Five-stage pipelined processing
• The M32R-FPU supports five-stage pipelined instruction processing consisting of Instruction Fetch,
Decode, Execute, Memory Access and Write Back (processed in six stages when performing float-
ing-point arithmetic). Not just load/store instructions and register-to-register operation instructions,
but also floating-point arithmetic instructions and compound instructions such as Load & Address
Update and Store & Address Update are executed in one CPUCLK period (which is equivalent to 12.5
ns when f(CPUCLK) = 80 MHz).
• Although instructions are supplied to the execution stage in the order in which they were fetched, it is
possible that if the load/store instruction supplied first is extended by wait cycles inserted in memory
access, the subsequent register-to-register operation instruction will be executed before that instruc-
tion. Using such a facility, which is known as the “out-of-order-completion” mechanism, the M32R-
FPU is able to control instruction execution without wasting clock cycles.
(3) Compact instruction code
• The M32R-FPU supports two instruction formats: one 16 bits long, and one 32 bits long. Use of the
16-bit instruction format especially helps to suppress the code size of a program.
• Moreover, the availability of 32-bit instructions makes programming easier and provides higher per-
formance at the same clock speed than in architectures where the address space is segmented. For
example, some 32-bit instructions allow control to jump to an address 32 Mbytes forward or backward
from the currently executed address in one instruction, making programming easy.
1.1 Outline of the 32182 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com