Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 51Page - Renesas Technology Corp 32182 Datasheet HTML 52Page - Renesas Technology Corp 32182 Datasheet HTML 53Page - Renesas Technology Corp 32182 Datasheet HTML 54Page - Renesas Technology Corp 32182 Datasheet HTML 55Page - Renesas Technology Corp 32182 Datasheet HTML 56Page - Renesas Technology Corp 32182 Datasheet HTML 57Page - Renesas Technology Corp 32182 Datasheet HTML 58Page - Renesas Technology Corp 32182 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 755 page
background image
2
2-10
32182 Group User’s Manual (Rev.1.0)
CPU
2.6 Data Formats
Bit endian
(H'01)
Byte endian
(H'01234567)
Big endian
Little endian
Note: • Even when bits are arranged in big endian, H'01 is not B'10000000.
HH
HL
LH
LL
H'01
H'23
H'45
H'67
LL
LH
HL
HH
H'67
H'45
H'23
H'01
B'0000001
b0
b7
B'0000001
b7
b0
Figure 2.6.4 General Endian System
(2) Data formats in memory
The data sizes in memory can be byte (8 bits), halfword (16 bits) or word (32 bits). Although byte data can
be located at any address, halfword and word data must be located at the addresses aligned with a
halfword boundary (least significant address bit = "0") or a word boundary (two low-order address bits =
"00"), respectively. If an attempt is made to access memory data that overlaps the halfword or word bound-
ary, an address exception occurs.
Figure 2.6.3 Data Formats in Memory
(3) Endian
The diagrams below show a general endian system and the endian adopted for the M32R family micro-
computers.
Address
Byte
Halfword
Word
+0 address
+1 address
+2 address
+3 address
b0
b31
Byte
Byte
Byte
Byte
Halfword
Halfword
Word
7
8
15 16
23 24
b0
15
b0
b31
b31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com