Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 34Page - Renesas Technology Corp 32182 Datasheet HTML 35Page - Renesas Technology Corp 32182 Datasheet HTML 36Page - Renesas Technology Corp 32182 Datasheet HTML 37Page - Renesas Technology Corp 32182 Datasheet HTML 38Page - Renesas Technology Corp 32182 Datasheet HTML 39Page - Renesas Technology Corp 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 755 page
background image
1
1-11
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.3 Pin Functions
Table 1.3.1 Description of Pin Functions (3/5)
Type
Pin Name
Signal Name
Input/Output Description
A-D converter
AVCC0
Analog power supply
–
AVCC0 is the power supply for the A-D0 converter.
Connect AVCC0 to the power supply rail.
AVSS0
Analog ground
–
AVSS0 is the analog ground for the A-D0 converter.
Connect AVSS0 to ground.
AD0IN0
Analog input
Input
12-channel analog input pins for the A-D0 converter.
–AD0IN11
VREF0
Reference voltage
Input
VREF0 is the reference voltage input pin for the A-D0
input
converter.
Interrupt
SBI#
System break
Input
This is the system break interrupt (SBI) input pin for the
controller
interrupt
interrupt controller.
Serial I/O
SCLKI0/
UART transmit/receive
Input/output
When channel 0 is in UART mode:
SCLKO0
clock output or CSIO
This pin outputs a clock derived from BRG output by
transmit/receive clock
dividing it by 2.
input/output
When channel 0 is in CSIO mode:
This pin accepts as input a transmit/receive clock when
external clock is selected or outputs a transmit/receive
clock when internal clock is selected.
SCLKI1/
UART transmit/receive
Input/output
When channel 1 is in UART mode:
SCLKO1
clock output or CSIO
This pin outputs a clock derived from BRG output by
transmit/receive clock
dividing it by 2.
input/output
When channel 1 is in CSIO mode:
This pin accepts as input a transmit/receive clock when
external clock is selected or outputs a transmit/receive
clock when internal clock is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com