Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 36Page - Renesas Technology Corp 32182 Datasheet HTML 37Page - Renesas Technology Corp 32182 Datasheet HTML 38Page - Renesas Technology Corp 32182 Datasheet HTML 39Page - Renesas Technology Corp 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp 32182 Datasheet HTML 43Page - Renesas Technology Corp 32182 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 755 page
background image
1
1-13
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.3 Pin Functions
Table 1.3.1 Description of Pin Functions (5/5)
Type
Pin Name
Signal Name
Input/Output Description
Input/output
P00–P07
Input/output port 0
Input/output
Programmable input/output port.
ports
P10–P17
Input/output port 1
(Note 1)
P20–P27
Input/output port 2
P30–P37
Input/output port 3
P41–P47
Input/output port 4
P61–P63
Input/output port 6
P70–P77
Input/output port 7
P82–P87
Input/output port 8
P93–P97
Input/output port 9
P100–P107
Input/output port 10
P110–P117
Input/output port 11
P124–P127
Input/output port 12
P130–P137
Input/output port 13
P150–P153
Input/output port 15
P174, P175
Input/output port 17
P220, P221, Input/output port 22
P224, P225
Note 1: • Input/output port 5 is reserved for future use.
• P221 is input-only port.
• Input/output functions cannot be used for the ports listed below, because no external pins are available for these pins.
P65-P67
P140-P147
P151, P152, P154-P157
P160-P167
P172, P173, P176, P177
P180-P187
P190-P197
P200-P203
P210-P217
P222, P223, P226, P227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com