Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 29Page - Renesas Technology Corp 32182 Datasheet HTML 30Page - Renesas Technology Corp 32182 Datasheet HTML 31Page - Renesas Technology Corp 32182 Datasheet HTML 32Page - Renesas Technology Corp 32182 Datasheet HTML 33Page - Renesas Technology Corp 32182 Datasheet HTML 34Page - Renesas Technology Corp 32182 Datasheet HTML 35Page - Renesas Technology Corp 32182 Datasheet HTML 36Page - Renesas Technology Corp 32182 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 755 page
background image
1-6
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.2 Block Diagram
Table 1.2.1 Features of the 32182 (1/2)
Functional Block
Features
M32R-FPU CPU core
• Implementation: Five-stage pipelined instruction processing (processed in six stages when
performing floating-point arithmetic)
• Internal 32-bit structure of the core
• Register configuration
General-purpose registers: 32 bits × 16 registers
Control registers: 32 bits × 6 registers
• Instruction set
16 and 32-bit instruction formats
100 discrete instructions and six addressing modes
• Internal multiplier/accumulator (32 bits × 16 bits + 56 bits)
• Internal single-precision floating-point arithmetic unit (FPU)
RAM
• Capacity: 64 Kbytes, accessible with zero wait state
• The internal RAM can be accessed for reading or rewriting data from the outside independently of
the M32R-FPU by using the Real-Time Debugger, without ever causing the CPU performance to
decrease.
Flash memory
• Capacity
M32182F3: 384 Kbytes, 1M32182F8: 1 Mbyte
• One-wait access
• Durability: Rewritable 100 times
Bus specification
• Fundamental bus cycle: 12.5 ns (when f(CPUCLK = 80 MHz)
• Logical address space : 4 Gbytes linear
• Internal bus specification : Internal 32-bit data bus (for CPU <-> internal flash memory and RAM access)
(or accessed in 64 bits when accessing the internal flash memory for
instructions)
: Internal 16-bit data bus (for internal peripheral I/O access)
• Extended external area: Maximum 3 Mbytes (1 Mbytes × 3 blocks during external
extension mode)
• External data address: 20-bit address
• External data bus: 16-bit data bus
• Shortest external bus access: 1 BCLK period during read, 1 BCLK period during write
Multijunction timer (MJT)
• 37-channel multi-functional timer
16-bit output related timer × 11 channels, 16-bit input/output related timer × 10 channels,
16-bit input related timer × 8 channels, 32-bit input related timer × 8 channels
• Flexible timer configuration is possible by interconnecting these timer channels.
• Interrupt request: Counter underflow or overflow and rising or falling or both edges or high or low level
from the TIN pin (These can be used as external interrupt inputs irrespective of timer operation.)
• DMA transfer request: Counter underflow or overflow and rising or falling or both edges or high or
low level from the TIN pin (These can be used as external DMA transfer request inputs
irrespective of timer operation.)
DMAC
• Number of channels: 10
• Transfers between internal peripheral I/O’s or internal RAM’s or between internal peripheral I/O
and internal RAM are supported.
• Capable of advanced DMA transfers when used in combination with internal peripheral I/O
• Transfer request: Software or internal peripheral I/O (A-D converter, MJT, serial I/O or CAN)
• DMA channels can be cascaded. (DMA transfer on a channel can be started by completion of a
transfer on another channel.)
• Interrupt request: DMA transfer counter register underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com