Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 250Page - Renesas Technology Corp 7480 Datasheet HTML 251Page - Renesas Technology Corp 7480 Datasheet HTML 252Page - Renesas Technology Corp 7480 Datasheet HTML 253Page - Renesas Technology Corp 7480 Datasheet HTML 254Page - Renesas Technology Corp 7480 Datasheet HTML 255Page - Renesas Technology Corp 7480 Datasheet HTML 256Page - Renesas Technology Corp 7480 Datasheet HTML 257Page - Renesas Technology Corp 7480 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-39
2.8 Countermeasures against Noise
APPLICATIONS
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.
7480 Group
7481 Group
7480 Group
7481 Group
Figure 2.8.2 Wiring for Clock I/O Pins
P33/VPP
Approximately
5k
Ω
7480 Group
7481 Group
Figure 2.8.3 Wiring for VPP Pin of One Time PROM
and EPROM Version
(2)
Wiring for Clock I/O Pins
• Make the length of wiring which is connected
to clock I/O pins as short as possible.
• Make the length of wiring (within 20 mm)
across the grounding lead of a capacitor
which is connected to an oscillator and the
VSS pin of a microcomputer as short as
possible.
• Separate the VSS pattern only for oscillation
from other VSS patterns.
REASON
A microcomputer’s operation synchronizes with
a clock generated by the oscillator (circuit). If
noise enters clock I/O pins, clock waveforms
may be deformed. This may cause a
malfunction or program runaway.
Also, if a potential difference is caused by the
noise between the VSS level of a microcomputer
and the VSS level of an oscillator, the correct
clock will not be input in the microcomputer.
(3)
Wiring for VPP Pin of One Time PROM
Version and EPROM Version
(In the 7480 Group and 7481 Group, the VPP
pin is also used as the P33 pin)
Connect an approximately 5 k
Ω resistor to
the VPP pin the shortest possible in series.
Note: Even when a circuit which included an
approximately 5 k
Ω resistor is used in
the
Mask
ROM
version,
the
microcomputer operates correctly.
REASON
The VPP pin of the One Time PROM and the
EPROM version is the power source input pin
for the built-in PROM. When programming in
the built-in PROM, the impedance of the VPP
pin is low to allow the electric current for writing
flow into the PROM. Because of this, noise
can enter easily. If noise enters the VPP pin,
abnormal instruction codes or data are read
from the built-in PROM, which may cause a
program runaway.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com