Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 249Page - Renesas Technology Corp 7480 Datasheet HTML 250Page - Renesas Technology Corp 7480 Datasheet HTML 251Page - Renesas Technology Corp 7480 Datasheet HTML 252Page - Renesas Technology Corp 7480 Datasheet HTML 253Page - Renesas Technology Corp 7480 Datasheet HTML 254Page - Renesas Technology Corp 7480 Datasheet HTML 255Page - Renesas Technology Corp 7480 Datasheet HTML 256Page - Renesas Technology Corp 7480 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-38
2.8 Countermeasures against Noise
APPLICATIONS
2.8 Countermeasures against Noise
Countermeasures against noise are described below. The following countermeasures are effective against
noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual
use.
2.8.1 Shortest Wiring Length
The wiring on a printed circuit board can be as an antenna which feeds noise into the microcomputer.
The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcomputer.
(1)
Wiring for RESET Pin
Make the length of wiring which is connected to the RESET pin as short as possible. Especially,
connect a capacitor across the RESET pin and the VSS pin with the shortest possible wiring (within
20mm).
REASON
The reset works to initialize a microcomputer.
The width of a pulse input into the RESET pin is determined by the timing necessary conditions. If
noise having a shorter pulse width than the standard is input to the RESET pin, the microcomputer
is released from reset before the internal state of the microcomputer is completely initialized. This
may cause a program runaway.
Figure 2.8.1 Wiring for RESET Pin
RESET
Reset
circuit
Noise
VSS
VSS
Reset
circuit
VSS
RESET
VSS
7480 Group
7481 Group
7480 Group
7481 Group
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com