Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 245Page - Renesas Technology Corp 7480 Datasheet HTML 246Page - Renesas Technology Corp 7480 Datasheet HTML 247Page - Renesas Technology Corp 7480 Datasheet HTML 248Page - Renesas Technology Corp 7480 Datasheet HTML 249Page - Renesas Technology Corp 7480 Datasheet HTML 250Page - Renesas Technology Corp 7480 Datasheet HTML 251Page - Renesas Technology Corp 7480 Datasheet HTML 252Page - Renesas Technology Corp 7480 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-34
APPLICATIONS
2.7 Power-Saving Function
2.7.1 Application Example of Stop Mode
Power-Saving in Key-Input Waiting State
POINT: When the CPU has no key input for the specified period in its key-input waiting state, the
CPU enters the stop mode and reduces power dissipation by halting itself and its peripherals.
Any key input, thereafter, generates a key-on wakeup interrupt request, and the CPU returns
to the normal mode by accepting the request.
SPECIFICATIONS:
Port pin P00 is used as a key-input pin.
When having no key input for the specified period, the CPU executes the STP
instruction to enter the stop mode.
Any key input generates a key-on wakeup interrupt request in the stop mode,
and the CPU returns to the normal mode by accepting the request.
Figure 2.7.1 shows a connection example.
Figure 2.7.2 shows an operation example in the key-input waiting state.
Figure 2.7.3 shows a control procedure example of power-saving in key-input waiting state.
2.7 Power-Saving Function
Figure 2.7.1 Connection Example
Figure 2.7.2 Operation Example in Key-Input Waiting State
P00
7480 Group
7481 Group
Key input
STP instruction
executed
Key-on wakeup interrupt
request generated
Oscillator start-up stabilizing time
2048 count of XIN pin input signal
Key-input waiting state
after the specified period
Stop mode state
Port P0
Internal clock
φ
XIN
Key input
Key-on wakeup interrupt
service routine executed
XIN pin : High-impedance state
STP instruction
execution cycle
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com