Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 244Page - Renesas Technology Corp 7480 Datasheet HTML 245Page - Renesas Technology Corp 7480 Datasheet HTML 246Page - Renesas Technology Corp 7480 Datasheet HTML 247Page - Renesas Technology Corp 7480 Datasheet HTML 248Page - Renesas Technology Corp 7480 Datasheet HTML 249Page - Renesas Technology Corp 7480 Datasheet HTML 250Page - Renesas Technology Corp 7480 Datasheet HTML 251Page - Renesas Technology Corp 7480 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-33
APPLICATIONS
2.6 Oscillation Circuit
2.6.1 Oscillation Circuit with Ceramic Resonator
An oscillation circuit can be formed by connecting
a ceramic resonator between the XIN and XOUT pins.
Figure 2.6.1 shows an oscillation circuit example
with a ceramic resonator.
Note: Set oscillation circuit parameters, such as Rd,
CIN, and COUT, to the values recommended
by the manufacturer of the resonator.
2.6.2 External Clock Input to XIN
An external clock input to the XIN pin can be supplied
to the built-in clock generator.
Figure 2.6.2 shows the external clock circuit example.
Notes 1: Leave the XOUT pin open when an external
clock is input to the XIN pin.
2: Use a 50% duty cycle pulse signal as the
external clock input to the XIN pin.
2.6 Oscillation Circuit
Figure 2.6.1 Oscillation Circuit Example with
Ceramic Resonator
XIN
XOUT
7480 Group
7481 Group
XIN, XOUT pin number
XIN pin
XOUT pin
32pin
42pin
44pin
14
15
19
20
14
15
CIN
COUT
Rd
Figure 2.6.2 External Clock Circuit Example
XIN
XOUT
VSS
VCC
Open
External clock
Duty cycle 50%
7480 Group
7481 Group
XIN, XOUT pin number
XIN pin
XOUT pin
32pin
42pin
44pin
14
15
19
20
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com