Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 242Page - Renesas Technology Corp 7480 Datasheet HTML 243Page - Renesas Technology Corp 7480 Datasheet HTML 244Page - Renesas Technology Corp 7480 Datasheet HTML 245Page - Renesas Technology Corp 7480 Datasheet HTML 246Page - Renesas Technology Corp 7480 Datasheet HTML 247Page - Renesas Technology Corp 7480 Datasheet HTML 248Page - Renesas Technology Corp 7480 Datasheet HTML 249Page - Renesas Technology Corp 7480 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-31
APPLICATIONS
Figure 2.4.2 Control Procedure Example of Determining A-D Conversion Values
2.4 A-D Converter
Set A-D conversion control register
ADCON (Address 00D916)
Analog input pin : P20/IN0
A-D conversion routine
00 0
VREF stabilizing wait time
A-D conversion completed ? (Note)
N
END
A-D conversion completion interrupt request bit
← ‘0’
Connect between VREF pin
and ladder resistor
1
b7
b0
Average of 4-time samplings, which the maximum
value and the minimum value are excluded from
6-time samplings, is calculated.
Y
1
Update of determined value
(The last calculated average value becomes
the determined value)
The difference from previous
determined value is less than 5 ?
N
Y
Note: The completion of A-D conversion is examined by the following.
• A-D conversion completion bit of A-D conversion control register is ‘1’.
• A-D conversion completion interrupt request bit of interrupt request register 1 is ‘1’.
• Branch to A-D conversion completion interrupt service routine is performed.
(When A-D conversion completion interrupt is enabled)
A-D conversion start
00 0
1
b7
b0
0
Set A-D conversion control register
ADCON (Address 00D916)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com