| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 243 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 243 Page - Renesas Technology Corp |
|
243 / 337 page ![]() 7480 Group and 7481 Group User's Manual 2-28 APPLICATIONS 2.3 Serial I/O Figure 2.3.14 Control Procedure Example (2) of LAN Communications RTI Serial I/O receive interrupt service routine RTI Bus arbitration interrupt service routine RTI CNTR0 interrupt service routine (when receiving) RTI Bus arbitration interrupt enable bit ← 0 Timer 1 interrupt service routine RTI Serial I/O transmit interrupt service routine When transmitting Write the following transmit data to transmit buffer register by the byte at one interrupt processing 1. Priority code 2. Target ID 3. Source ID 4. Data 5. CRC code In the interrupt processing after writing transmit data to transmit buffer register is completed, change transmit interrupt source to ‘when transmit shift operation is completed’, and the interrupt source is back to the state before changing at the next interrupt processing. When receiving Write dummy data to transmit buffer register When SOF collision occurs, transmit processing is stopped and receive processing is started from priority code. When priority code collision occurs, transmit processing is stopped and receive processing is started from target ID. When data collision occurs, communication error on communication line is detected, transmit processing is stopped, and processing against error such as re- transmission is performed. When SOF is received • Write dummy data to transmit buffer register for generating synchronous clock • Acceptance of timer 1 interrupt request is disabled Processing for EOD, EOF and IFS waiting time elapse When transmitting Transmit data is received When RSP code is received When receiving Read receive buffer register 1. Priority code 2. Target ID 3. Source ID 4. Data 5. CRC code Level of RxD pin is checked every 3-byte reception • HIGH level: next data is received • LOW level: EOD is detected When rising edge is detected • CNTR0 edge selection bit ← 0 (falling edge detected) • HIGH width is measured with timer X When falling edge is detected • CNTR0 edge selection bit ← 1 (rising edge detected) • LOW width is measured with timer X • SOF LOW width waiting time is generated with timer 1 (acceptance of timer 1 interrupt request is enabled) Reception is completed when SOF is not received correctly. Note: Write ‘0016’ as dummy data to transmit buffer register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |