Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 236Page - Renesas Technology Corp 7480 Datasheet HTML 237Page - Renesas Technology Corp 7480 Datasheet HTML 238Page - Renesas Technology Corp 7480 Datasheet HTML 239Page - Renesas Technology Corp 7480 Datasheet HTML 240Page - Renesas Technology Corp 7480 Datasheet HTML 241Page - Renesas Technology Corp 7480 Datasheet HTML 242Page - Renesas Technology Corp 7480 Datasheet HTML 243Page - Renesas Technology Corp 7480 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-25
APPLICATIONS
2.3 Serial I/O
Figure 2.3.11 Communication Format Example of Simplified SAE J1850
SOF
Data area
EOD
EOF
IFS
1 byte
Max. 7 bytes
1 byte
1 byte
1 byte
1 byte
1 frame
SOF
(Start of Frame)
Priority
Code
Source ID
ID number of
target unit
Transmit data
Code for error
detection
Indicates the end of
data
Indicates the end of
frame
Indicates the
separation between
frames
Receiver transmits
self-address if data is
correctly received on
error detection
Code for priority
control in multi-unit
transmission
4 time
2 time
When transmitting
H
L
3 time
H
L
Data
3 time
H
L
3 time
H
L
When transmitting ‘0’
When transmitting ‘1’
• 1 bit represented by 3 time (1 byte represented by 3 bytes).
• Both transmitter and receiver communicate with serial I/O.
• Priority code: ‘0016’ (high priority) through ‘FF16’ (low priority).
• Fixed format of 3 time.
• Both transmitter and receiver generate a wait time with timer 1.
3 time
H
L
6 time
H
L
• Fixed format of 6 time.
• Transmitter transmits ‘001111002’ with serial transmission.
• Receiver detects data with CNTR0 interrupt and recognizes with
pulse width measurement mode of timer X.
Transmit
data
generated
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
D0
D1
D2
D4
D3
D5
D6
D7
b0
b7
Transmit data 2
b0
b7
Transmit data 3
b0
b7
Transmit data 1
D7 D6 D5 D4 D3 D2 D1 D0
b0
b7
1 byte data
H
L
Transmit data 1
Transmit data 2
Transmit data 3
D0
D1
D2
D4
D3
D5
D6
D7
1 byte data transmit
Priority code
Target ID
Source ID
CRC code
RSP code
Transmit/Receive
Data Name
Function
Transmission/Reception
Indicates the head of
the frame
Target ID
IFS
(Inter-Frame
Separation)
EOF
(End of Frame)
EOD
(End of Data)
RSP Code
CRC Code
Data Area
• Fixed format of 6 time.
• Both transmitter and receiver generate a wait time with timer 1.
ID number of
transmit unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com