Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 232Page - Renesas Technology Corp 7480 Datasheet HTML 233Page - Renesas Technology Corp 7480 Datasheet HTML 234Page - Renesas Technology Corp 7480 Datasheet HTML 235Page - Renesas Technology Corp 7480 Datasheet HTML 236Page - Renesas Technology Corp 7480 Datasheet HTML 237Page - Renesas Technology Corp 7480 Datasheet HTML 238Page - Renesas Technology Corp 7480 Datasheet HTML 239Page - Renesas Technology Corp 7480 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-21
APPLICATIONS
2.3 Serial I/O
Figure 2.3.3 Timing of Interrupt Control
Figure 2.3.4 Control Procedure Example of Serial I/O Transmit
Interrupt disable flag
interrupt request bit
Serial I/O transmit
Write ‘1’
1st byte transmitted
2nd byte transmitted
3rd byte transmitted
4th byte transmitted
5th byte transmitted
1st byte transmitted
2nd byte transmitted
5-byte transmission completed
A B A
B A
B A
B A
B
A
B A
Setting of serial I/O
control register
Write ‘0’
Write ‘1’
∗ : Processed within serial I/O transmit interrupt service routine.
: Cleared by the acceptance of serial I/O transmit interrupt request.
: Interrupt request generated with transmitter buffer register emptied.
A
B
System is released from reset.
Undefined
Execute CLI
instruction
interrupt enable bit
Serial I/O transmit
Transmission requested
∗∗
∗
∗
∗
∗
∗
Transmission requested
Initialize
Set serial I/O control register (Note 3)
1
SIOCON (Address 00E216)
BRG count source: f(XIN)/16
Synchronous clock:
BRG output divided by 4
RESET(Note 1)
1
0 01
Baud rate generator
← 3316 (Note 2)
Transmission requested ?
N
Transmit interrupt source:
Transmit enabled
Receive disabled
Clock synchronous serial I/O
Serial I/O enabled
1
b7
b0
Y
Serial I/O transmit interrupt
SRDY output disabled
Serial I/O transmit interrupt service routine
Port P17 = LOW ?
N
RTI
Transmit buffer register
← BUFF_p(Note 4)
Y
Transmission buffer register is empty.
00
CLI
SEI
Processing
Processing
1 is added to pointer p for BUFF.
p
← p + 1
p
≥ 5 ?
Serial I/O transmit interrupt enable bit
← 0
N
Y
Initialize pointer p for BUFF
p
← 0
Transmit processing
5-byte transmission data is stored
to buffer area (BUFF)
BUFF_0
← Transmission data 0
Transmission data 1
BUFF_1
←
• • •
BUFF_4
← Transmission data 4 (1st byte)
BUFF: 5-byte buffer area
BUFF_0 to BUFF_4
Port P17 is set to input.
Serial I/O transmit interrupt enable bit
← 1
Notes 1: State after system is released from reset
• Serial I/O transmit interrupt enable bit = 0
• Serial I/O receive interrupt enable bit = 0
2: 3316 = 52–1
3: In this time, serial I/O transmit interrupt request bit is 1.
4: Transmit/receive is started by writing to transmit buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com