Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 228Page - Renesas Technology Corp 7480 Datasheet HTML 229Page - Renesas Technology Corp 7480 Datasheet HTML 230Page - Renesas Technology Corp 7480 Datasheet HTML 231Page - Renesas Technology Corp 7480 Datasheet HTML 232Page - Renesas Technology Corp 7480 Datasheet HTML 233Page - Renesas Technology Corp 7480 Datasheet HTML 234Page - Renesas Technology Corp 7480 Datasheet HTML 235Page - Renesas Technology Corp 7480 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-17
APPLICATIONS
Figure 2.2.19 Phase Control Procedure Example
2.2 Timer X and Timer Y
Initialize
RESET(Note 1)
0
SEI
10 ××
0
11
1
CLI
INT1 interrupt service routine
Change timer Y (Note 3)
RTI
Processing
Processing
b0
b7
b0
b7
Set timer Y mode register
TYM(Address 00F716)
Programmable one-shot output mode
Writing to latch only
Timer Y
← Initial value (Note 3)
Port P41 (alternative function of CNTR1) is set to output.
INT1 edge selection bit
← 1 (rising edge detected)
CNTR1 edge selection bit
← 0 (Note 2)
Timer Y count source : f(XIN)/16
Port P41 (alternative function of CNTR1)
← LOW
Notes 1: State after system is released from reset
• Timer Y stop control bit = 0 (count stop)
• Timer Y interrupt enable bit = 0 (disabled)
2: HIGH level one-shot pulse is output.
3: Write to timer Y in order of low-order to high-order byte.
INT1 interrupt request bit
← 0
INT1 interrupt enable bit
← 1
Phase control processing
• Period of feedback signal measured
• Measured value analyzed
(determination of timer Y setting value)
Set timer XY control register
TXYCON(Address 00F816)
Timer Y count start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com