Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 227Page - Renesas Technology Corp 7480 Datasheet HTML 228Page - Renesas Technology Corp 7480 Datasheet HTML 229Page - Renesas Technology Corp 7480 Datasheet HTML 230Page - Renesas Technology Corp 7480 Datasheet HTML 231Page - Renesas Technology Corp 7480 Datasheet HTML 232Page - Renesas Technology Corp 7480 Datasheet HTML 233Page - Renesas Technology Corp 7480 Datasheet HTML 234Page - Renesas Technology Corp 7480 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-16
APPLICATIONS
2.2.7 Application Example of Programmable One-Shot Output Mode
Phase Control of Load (Output of Phase Control Signals)
POINT: The phase control signal to the load is output using the programmable one-shot output mode
of a 16-bit timer.
SPECIFICATIONS:
Clock: f(XIN) = 8 MHz
The phase control signal to the load is output from the CNTR1 pin using the
programmable one-shot output mode of timer Y.
• Count source: f(XIN)/16
• Rising edges of the signal input to the INT1 pin from the trigger detection
circuit are detected.
• A triac is turned on at the HIGH level.
The period of the feedback signal input from the load is measured, analyzed,
and used to adjust the phase control signal.
For the measurement of the period of the feedback signal, refer to Section 2.2.4 Application
Example of Pulse Period Measurement Mode.
Figure 2.2.17 shows a peripheral circuit example.
Figure 2.2.18 shows an operation timing example.
Figure 2.2.19 shows a phase control procedure example.
Figure 2.2.18 Operation Timing Example
2.2 Timer X and Timer Y
RL
RL
RL
RL
RL
RL
INT1 pin input
VAC power supply
CNTR1 pin output
RL
RL
RL
RL
RL
RL
UF
UF
UF
UF
UF
UF
Writing to latch in
timer Y interrupt
service routine
000016
Figure 2.2.17 Peripheral Circuit Example
7480 Group
7481 Group
P31/INT1
P41/CNTR1
VAC
Trigger detection
circuit
Port
Feedback signal
Phase control signal
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com