Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 226Page - Renesas Technology Corp 7480 Datasheet HTML 227Page - Renesas Technology Corp 7480 Datasheet HTML 228Page - Renesas Technology Corp 7480 Datasheet HTML 229Page - Renesas Technology Corp 7480 Datasheet HTML 230Page - Renesas Technology Corp 7480 Datasheet HTML 231Page - Renesas Technology Corp 7480 Datasheet HTML 232Page - Renesas Technology Corp 7480 Datasheet HTML 233Page - Renesas Technology Corp 7480 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-15
APPLICATIONS
Figure 2.2.16 Control Procedure Example of Motorcycle Engine
2.2 Timer X and Timer Y
Initialize
TYM (Address 00F716)
Programmable waveform
generation mode
Output level latch
RESET(Note 1)
0
1
Set timer XY control register
TXYCON (Address 00F816)
Timer X count start
0
SEI
Writing to latch and timer simultaneously
Timer Y
← Initial value (Note 3)
Timer Y interrupt request bit
← 0
Timer Y interrupt enable bit
← 1
CLI
INT1 Interrupt service routine
Change timer Y (Note 3) Œ
RTI
Processing
b0
b7
b0
b7
Timer Y activated by input signal
to INT1 pin
0
Timer Y count source selected
0
Timer Y count start (Note 4)
0
INT1 interrupt request bit
← 0
INT1 interrupt enable bit
← 1
TYM (Address 00F716)
0
1
Writing to latch only
b0
b7
0
11
Change timer Y (Note 3) 
Timer Y interrupt service routine
RTI
Stop timer Y counting 
TXYCON (Address 00F816)
b0
b7
Timer Y count stop
0
1
1
1
1
After INT1 edge detected,
first timer Y interrupt occurs?
Y
N
Change timer Y output level latch Ž
0
1
b0
b7
0
11
0
Output level latch
After INT1 edge detected,
second timer Y interrupt occurs?
Y
Change timer Y output level latch 
0
1
b0
b7
0
11
1
After INT1 edge detected,
third timer Y interrupt occurs?
Y
Timer Y
← Initial value (Note 3) ‘
Control timer Y writing
0
1
b0
b7
0
11
1
Control timer Y writing
0
1
b0
b7
0
11 0
Start Timer Y counting
b0
b7
Timer Y count start (Note 4)
0
0
N
N
Notes 1: State after system is released from reset
• Timer X and Y stop control bits = 0 (count stopped)
• Timer Y and INT1 interrupt enable bits = 0 (disabled)
2: The output level of CNTR1 pin is initialized to LOW.
3: Write to timer Y in order of low-order to high-order byte.
4: In this time, timer Y remains still stopped.
Port P40 (alternative function of CNTR0) is set to input.
Port P41 (alternative function of CNTR1) is set to output.
INT1 edge selection bit
← (rising edge detected)
CNTR0 edge selection bit
← (rise-to-rise period detected)
TXM(Address 00F616)
×× × 01 0
b7
b0
Set timer X mode register
Pulse period measurement mode
Timer X count source selected
Set timer Y mode register (Note 2)
TYM (Address 00F716)
TYM (Address 00F716)
Output level latch
TYM (Address 00F716)
Control timer Y writing
Writing to latch only
TYM (Address 00F716)
Writing to latch and timer
simultaneously
TXYCON (Address 00F816)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com