Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 223Page - Renesas Technology Corp 7480 Datasheet HTML 224Page - Renesas Technology Corp 7480 Datasheet HTML 225Page - Renesas Technology Corp 7480 Datasheet HTML 226Page - Renesas Technology Corp 7480 Datasheet HTML 227Page - Renesas Technology Corp 7480 Datasheet HTML 228Page - Renesas Technology Corp 7480 Datasheet HTML 229Page - Renesas Technology Corp 7480 Datasheet HTML 230Page - Renesas Technology Corp 7480 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 337 page
background image
ansmi
7480 Group and 7481 Group User's Manual
2-12
APPLICATIONS
2.2.5 Application Example of Pulse Width Measurement Mode
Communications between Two Microcomputers (Reception)
POINT: 8-bit data is received by measuring each bit’s HIGH-level width input to the CNTR pin and
identifying each bit data.
SPECIFICATIONS:
Clock: f(XIN) = 8 MHz
The HIGH-level width of CNTR0 pin input is measured using the pulse width
measurement mode of timer X.
• Count source: f(XIN)/8
The start, stop bits and each bit data of 8-bit receive data are identified by the
measured values of the HIGH-level widths.
Figure 2.2.11 shows a peripheral circuit example.
Figure 2.2.12 shows a communication format example.
Figure 2.2.13 shows a communication control procedure example.
2.2 Timer X and Timer Y
Figure 2.2.12 Communication Format Example
Figure 2.2.11 Peripheral Circuit Example
D0=0
D1=1
D7=1
D2=0
Start
pulse
0.15 ms
0.35 ms
0.55 ms
0.75 ms
0.15 ms
0.35 ms
0.05 ms
8-bit data
Longest communication time
≈ 4.6 ms
Shortest communication time
≈ 3.0 ms
Data pulse‘0’: HIGH level output for 0.15 ms
Data pulse‘1’: HIGH level output for 0.35 ms
Start pulse: HIGH level output for 0.55 ms
Stop pulse: HIGH level output for 0.75 ms
(The LOW levels are output for 0.05 ms or more before
and after each pulse.)
Stop
pulse
Microcomputer (tr
t
t er)
7480 Group
7481 Group
(Receiver)
P40/CNTR0
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com