Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 220Page - Renesas Technology Corp 7480 Datasheet HTML 221Page - Renesas Technology Corp 7480 Datasheet HTML 222Page - Renesas Technology Corp 7480 Datasheet HTML 223Page - Renesas Technology Corp 7480 Datasheet HTML 224Page - Renesas Technology Corp 7480 Datasheet HTML 225Page - Renesas Technology Corp 7480 Datasheet HTML 226Page - Renesas Technology Corp 7480 Datasheet HTML 227Page - Renesas Technology Corp 7480 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-9
APPLICATIONS
Figure 2.2.8 Control Procedure Example of Buzzer Output
2.2 Timer X and Timer Y
Initialize
Set timer X mode register
TXM(Address 00F616)
Pulse output mode
Writing to latch and timer simultaneously
RESET(Note 1)
SEI
Timer X
← 007C16(Note 3)
CLI
Set timer XY control register
Processing
01 ×× 01
0
0
TXYCON(Address 00F816)
Timer X count start
0
Port P40 (alternative function of CNTR0) is set to output.
CNTR0 edge selection bit
← 0 (Note 2)
Buzzer output requested ?
TXYCON(Address 00F816)
1
Buzzer output processing
Timer X count source : f(XIN)/8
Timer X count stopped ?
Timer X count operating ?
Y
N
Y
Y
N
N
Timer X
← 007C16 (Note3)
Port P40 (alternative function of CNTR0)
← HIGH
Notes 1: State after system is released from reset
• Timer X stop control bit = 1 (count stop)
2: In pulse output mode, the output level of CNTR0 pin is initialized to
HIGH by writing to timer X (writing to latch and timer simultaneously).
3: • 007C16 = 125–1
• Write to timer X in order of low-order to high-order byte.
• The output level of CNTR0 pin is initialized by writing to timer X
(writing to latch and timer simultaneously).
Processing
b7
b0
b7
b0
b7
b0
Set timer XY control register
Timer X count stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com