Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 216Page - Renesas Technology Corp 7480 Datasheet HTML 217Page - Renesas Technology Corp 7480 Datasheet HTML 218Page - Renesas Technology Corp 7480 Datasheet HTML 219Page - Renesas Technology Corp 7480 Datasheet HTML 220Page - Renesas Technology Corp 7480 Datasheet HTML 221Page - Renesas Technology Corp 7480 Datasheet HTML 222Page - Renesas Technology Corp 7480 Datasheet HTML 223Page - Renesas Technology Corp 7480 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-5
APPLICATIONS
Figure 2.2.2 Control Procedure Example of 100-ms Processing
2.2 Timer X and Timer Y
Set timer X mode register
TXM(Address 00F616)
Timer • event count mode
Writing to latch and timer simultaneously
RESET (Note 1)
SEI
Timer X interrupt enable bit
← 1
Timer X
← C34F16 (Note 2)
Timer X interrupt request bit
← 0
CLI
Set Timer XY control register
Processing
Timer X interrupt service routine
100-ms periodic processing
RTI
Timer X interrupt generated every 100 ms
TXYCON(Address 00F816)
Timer X count started
0
Initialize
Timer X count source: f(XIN)/16
10 ×
0000
×
b7
b0
b7
b0
Notes 1: State after system is released from reset
• Timer X stop control bit = 1 (count stopped)
2: • C34F16 = 50000 – 1
• Write in order of low-order to high-order byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com