Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 214Page - Renesas Technology Corp 7480 Datasheet HTML 215Page - Renesas Technology Corp 7480 Datasheet HTML 216Page - Renesas Technology Corp 7480 Datasheet HTML 217Page - Renesas Technology Corp 7480 Datasheet HTML 218Page - Renesas Technology Corp 7480 Datasheet HTML 219Page - Renesas Technology Corp 7480 Datasheet HTML 220Page - Renesas Technology Corp 7480 Datasheet HTML 221Page - Renesas Technology Corp 7480 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-3
APPLICATIONS
(2)
Simplifying External Circuit Example by Using Level Shift Port and Noise Margin
POINT:
Ports P4 and P5 have N-channel open-drain outputs. Built-in clamping diodes allow voltages
VCC or more to be applied to port pins when the current for a pin is 1 mA or less.
Voltages VIL = 0.4 VCC and VIH = 0.8 VCC can be applied to ports P3, P4, and P5 (at VCC
= 4.5 V 5.5 V).
Figure 2.1.2 shows a simplified external circuit example by using a level shift port and noise margin.
2.1 Input/Output Pins
Figure 2.1.2 Simplified External Circuit Example by Using Level Shift Port and Noise Margin
7480 Group
7481 Group
The former hardware
SW
VI
12 V power source (VCC)
SW
VIL
VF
Port
VIL = SW ground voltage level (Max.) + VF (Max.)
= 1.0 [V] + 1.0 [V]
= 2.0 [V] (Max.)
≤ 0.4 VCC
5 V power source
7480 Group
7481 Group
12 V power source (VCC)
Port
Hardware using
level shift port
Ground voltage level
Max. 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com